Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4468DFI Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ACT4468DFI
Description  ACT4468D Dual Transceivers for MIL-STD-1553
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4468DFI Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  ACT4468DFI Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4468DFI Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4468DFI Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4468DFI Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4468DFI Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4468DFI Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Aeroflex Circuit Technology
6
SCD4468D REV B 5/25/00 Plainview NY (516) 694-6700
CIRCUIT TECHNOLOGY
CIRCUIT TECHNOLOGY
"FLAT Package"
Notes
1. Dimensions shown are in inches
.400
.990
1.010
.890
.910
.008
.012
.050
.075
.098
.122
.290
.310
.016
.020
20
11
10
ESD Triangle
Identifies Pin 1
ESD Triangle
Identifies Pin 1
.300
.008
.012
.025
.045
.150
.MIN
.990
1.010
.098
.122
.890
.910
.016
.020
.100
.05
BSC
20
11
10
.287
.303
Pin #’s & Functions
1
+5Vdc A
2
TX/RX A
3
TX/RX A
4
STROBE A
5
GROUND A
6
+5Vdc B
7
TX/RX B
8
TX/RX B
9
STROBE B
10
GROUND B
11
RX DATA OUT B
12
RX DATA OUT B
13
TX INHIBIT B
14
TX DATA IN B
15
TX DATA IN B
16
RX DATA OUT A
17
RX DATA OUT A
18
TX INHIBIT A
19
TX DATA IN A
20
TX DATA IN A
"DIP Package"
Package Outline Drawings
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11803
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: 1-(800)THE-1553
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com