Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4468DFI Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT4468DFI
Description  ACT4468D Dual Transceivers for MIL-STD-1553
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4468DFI Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT4468DFI Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4468DFI Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4468DFI Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4468DFI Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4468DFI Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4468DFI Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CIRCUIT TECHNOLOGY
www.aeroflex.com
eroflex Circuit T
echnology – Data Bus Modules For The Future © SCD4468D REV B 5/25/00
Features
• World’s smallest and lowest standby power dual
transceiver 0.3" x 1" packages
• Dual transceiver meets military data bus
requirements, MIL-STD-1553 and MIL-STD-1760
• Low power dissipation at full output power
• Single +5V power supply
• Current source output
• Monolithic construction using dielectrically
isolated(D.I.)
• Processed and screened to MIL-STD-883 specs
• DESC SMD# 5962–92061 Pending
General Description
The
Aeroflex
Circuit
Technology
Model
ACT4468D
is
a
next
generation D.I. monolithic transceiver
which provide full compliance with
MIL-STD-1553/1760 and data bus
requirements
in
the
smallest
packages with the lowest standby
power consumption and one power
supply operation.
The dual channel Model ACT4468D
perform the front-end analog function
of
inputting
and
outputting
data
through
a
transformer
to
a
MIL-STD-1553/1760 data bus.
Design of these transceivers reflects
particular attention to active filter
performance. This results in low bit
and word error rate with superior
waveform purity and minimal zero
crossover
distortion.
Efficient
transmitter
electrical
and
thermal
design provides low internal power
dissipation and heat rise at high as
well as low duty cycles.
Each channel of the dual transceiver
is completely separate from the other
and fully independent. This includes
power leads as well as signal lines.
Hence,
each
channel
may
be
connected to a different data bus with
no interaction.
Transmitter:
The
Transmitter
section
accepts
bi-phase TTL data at the input and
when coupled to the data bus with a
1:2.5 transformer, isolated on the
data bus side with two 52.5 Ohm fault
isolation resistors, and loaded by two
70 Ohm terminations plus additional
receivers,
the
data
bus
signal
produced is 7.5Volts nominal P-P at
A-A’. (See Figure 5.) When both
DATA and DATA inputs are held low or
high, the transmitter output becomes
Block Diagram (without Transformer), 1/2 of unit shown
ACT4468D Dual Transceiver
SHAPING
OUTPUT
STAGE
COMP.
COMP.
REFERENCE
ACTIVE
FILTER
INPUT
AMP
DRIVER
TX DATA IN
TX DATA IN
TX INHIBIT
+5 V
STROBE
TX/RX
TX/RX
RX DATA OUT
RX DATA OUT
GROUND
ACT4468D
Dual Transceivers for MIL-STD-1553


Similar Part No. - ACT4468DFI

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4460 AEROFLEX-ACT4460 Datasheet
173Kb / 8P
ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
ACT4462D AEROFLEX-ACT4462D Datasheet
186Kb / 10P
Dual Transceiver Variable Amplitude Universal for H009 Specification or MacAir/1553/1760 Bus Operation
ACT4462D-7 AEROFLEX-ACT4462D-7 Datasheet
186Kb / 10P
Dual Transceiver Variable Amplitude Universal for H009 Specification or MacAir/1553/1760 Bus Operation
ACT4462DI AEROFLEX-ACT4462DI Datasheet
186Kb / 10P
Dual Transceiver Variable Amplitude Universal for H009 Specification or MacAir/1553/1760 Bus Operation
ACT4462DI-7 AEROFLEX-ACT4462DI-7 Datasheet
186Kb / 10P
Dual Transceiver Variable Amplitude Universal for H009 Specification or MacAir/1553/1760 Bus Operation
More results

Similar Description - ACT4468DFI

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4419 AEROFLEX-ACT4419 Datasheet
90Kb / 6P
Single Supply Variable Amplitude Transceivers for MIL-STD-1553
ACT4419D AEROFLEX-ACT4419D Datasheet
78Kb / 6P
Dual Variable Amplitude Transceivers for MIL-STD-1553
ACT4808 AEROFLEX-ACT4808 Datasheet
106Kb / 8P
ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4808 AEROFLEX-ARX4808 Datasheet
141Kb / 6P
VARX4808 Dual Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
logo
Holt Integrated Circuit...
HI-1565 HOLTIC-HI-1565_13 Datasheet
88Kb / 10P
MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_13 Datasheet
83Kb / 10P
MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573_13 Datasheet
85Kb / 11P
MIL-STD-1553 3.3V Monolithic Dual Transceivers
HI-1575 HOLTIC-HI-1575_11 Datasheet
107Kb / 13P
MIL-STD-1553 3.3V Dual Transceivers with Integrated Encoder / Decoders
HI-1579 HOLTIC-HI-1579_13 Datasheet
83Kb / 10P
MIL-STD-1553 / 1760 3.3V Monolithic Dual Transceivers
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com