Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4468DFI Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ACT4468DFI
Description  ACT4468D Dual Transceivers for MIL-STD-1553
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4468DFI Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ACT4468DFI Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4468DFI Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4468DFI Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4468DFI Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4468DFI Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4468DFI Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Aeroflex Circuit Technology
2
SCD4468D REV B 5/25/00 Plainview NY (516) 694-6700
CIRCUIT TECHNOLOGY
a high impedance and is “removed”
from
the
line.
In
addition,
an
overriding “INHIBIT" input provides
for the removal of the transmitter
output from the line. A logic “1”
applied
to
the
“INHIBIT”
takes
priority over the condition of the data
inputs and disables the transmitter.
(See Transmitter Logic Waveform,
Figure 1.)
The transceiver utilizes an active
filter to suppress harmonics above
1MHz.
The Transmitter may be
safely operated at 100% duty cycle
for an indefinite period into a short
circuited 1553 bus.
Receiver:
The
Receiver
section
accepts
bi-phase differential data at the input
and produces two TTL signals at the
output. The outputs are DATA and
DATA, and represent positive and
negative excursions of the input
beyond
a
pre-determined
threshold.(See
Receiver
Logic
Waveform. Figure 2.)
The pre-set internal thresholds will
detect data bus signals exceeding
1.150 Volts P-P and reject signals
less than 0.6 volts P-P when used
with a 1:2.5 turns ratio transformer.
(See Figure 5 for transformer data
and typical connection.)
DATA IN
DATA IN
INHIBIT
LINE TO LINE
OUTPUT
NOTES:
1.DATA and DATA inputs must be complementary waveforms or 50% duty cycle average, with no delays between them.
2.DATA and DATA must be in the same state during off time (both high or low).
Figure 1. Transmitter Logic Waveforms
Figure 2. Receiver Logic Waveforms
Note overlap
NOTE: Waveforms shown are for normally low devices. For normally high receiver output
level devices, the receiver outputs are swapped as shown by the dashed lines.
LINE TO LINE
INPUT
DATA OUT
DATA OUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com