Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4808 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT4808
Description  ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4808 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT4808 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4808 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4808 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4808 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4808 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4808 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4808 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4808 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Aeroflex Circuit Technology
SCD4808 REV E 12/9/99
Plainview NY (516) 694-6700
5
Notes:
1. VCC = +15Volts ±0.75V, VEE = -15Volts ±0.75V, VIL = +5Volts ±0.5V, TC = -55°C to +125°C, unless otherwise
specified.
2. All typical values are measured at +25°C.
3. Characteristics guaranteed by design, not production tested.
4. Power ON/OFF, measured from 75KHz to 1MHz at Point A-A’ Figure 4, in accordance with MIL-STD-1553B
paragraph 4.5.2.2.2.3.
5. At point A-A’ on Figure 3 or 4, 2.5 µS after midpoint crossing of the parity bit of the last word of a 660 µS message.
6. Receiver skew is defined as the time from the rising edge of RX DATA OUT to the rising edge of RX DATA OUT
minus 500 nS, with a sine wave input of 3 VPK-PK at 1MHz driven into Pt. B-B’ of Figure 4 or 2.1 VPK-PK at 1MHz
driven into Pt. B-B’ of Figure 3. The specification maximum is guaranteed for TA = 25°C only. Standard TTL loads
applied to RX DATA Outputs.
7. This test is peformed while the Transceiver is reading its own transmission. This condition is called "Wraparound".
Standard TTL loads applied to RX DATA Outputs.
Typical Hybrid Power Dissipation
*, Per Channel
Power
Supply
Conditions
Condition
Std Version
-L Version
Unit
Standby
100%
Duty
Cycle
Standby
100%
Duty
Cycle
PSC1
VCC = +15V
VEE = -15V
VL = +5V
Pt. B - B’
ZO = 70 Ω,
VO = 29 VPK-PK
Bit Pattern = FFFF
HEX
Fig. 4
1.325
3.250
0.540
2.167
Watts
PSC2
VCC = +15V
VEE = -12V
VL = +5V
1.118
3.142
0.465
1.852
PSC3
VCC = +12V
VEE = -12V
VL = +5V
1.085
2.472
0.450
1.600
* See Aeroflex Application note# 112 for reference.
Recommended Power Supply Voltage Range
+V
+11.4 Volts to +15.75 Volts
-V
-11.4 Volts to -15.75 Volts
Logic
+4.5 Volts to +5.5 Volts



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com