Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4808 Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # ACT4808
Description  ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4808 Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

  ACT4808 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4808 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4808 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4808 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4808 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4808 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4808 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4808 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Aeroflex Circuit Technology
SCD4808 REV E 12/9/99
Plainview NY (516) 694-6700
8
Dual In Line
1.70
1.90 MAX
0.78
MAX
.097
36
19
18
Flat Package
0.600
0.085
0.24
MIN
0.018 DIA.
±0.002
0.10 Typ
0.015
±0.002
0.78 MAX
19
18
36
1.90 MAX
0.097
0.086 R
4 Places
0.40
MIN
2 SIDES
0.175 MAX
0.065
REF
0.010
±0.002
Notes
1. Dimensions shown are in inches
2. Pins are equally spaced at 0.100±0.002 tolerance,
non-cumulative, each row
Pin Numbers & Functions
Pin #
Function
Channel
1
TX DATA OUT
A
2
TX DATA OUT
A
3
GROUND
A
4
NC
5
RX DATA OUT
A
6
STROBE
A
7
GROUND
A
8
RX DATA OUT
A
9
CASE
10
TX DATA OUT
B
11
TX DATA OUT
B
12
GROUND
B
13
NC
14
RX DATA OUT
B
15
STROBE
B
16
GROUND
B
17
RX DATA OUT
B
18
NC
19
VCC
B
20
RX DATA IN
B
21
RX DATA IN
B
22
GROUND 3
B
23
VEE
B
24
+5V
B
25
INHIBIT
B
26
TX DATA IN
B
27
TX DATA IN
B
28
VCC
A
29
RX DATA IN
A
30
RX DATA IN
A
31
GROUND
A
32
VEE
A
33
+5 V
A
34
INHIBIT
A
35
TX DATA IN
A
36
TX DATA IN
A
Specifications subject to change without notice.
Pin 1 & ESD
Designator
Pin 1 & ESD
Designator
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11803
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: 1-(800) THE-1553
CIRCUIT TECHNOLOGY



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com