Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4808 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT4808
Description  ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4808 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT4808 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4808 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4808 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4808 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4808 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4808 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4808 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4808 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
eroflex Circuit T
echnology – Data Bus Modules For The Future © SCD4808 REV E 12/9/99
CIRCUIT TECHNOLOGY
www.aeroflex.com/act1.htm
Features
• ACT4808 Dual Transceiver meets
MIL-STD-1553A& B, Macair A3818, A5690, A5232
and A4905 specs
• New Low Power Model –L Available
• Operates with ±12V to ±15V & +5V Power Supplies
• Voltage source output for higher bus drive power
• Plug-in or Flat Package
• Monolithic construction using linear ASICs
• Processed and Screened to MIL-STD-883 specs
General Description:
The Aeroflex Laboratories transceiver
model ACT4808 is a new generation
Dual monolithic transceiver which
provides full compliance with Macair
and
MIL-STD-1553
data
bus
requirements
The model ACT4808 performs the
front-end analog function of inputting
and
outputting
data
through
a
transformer to a MIL-STD-1553 or
Macair data bus. The ACT4808 can
be
considered
a
"Universal"
Transceiver in that it is compatible
with MIL-STD-1553A & B, Macair
A-3818, A-4905, A-5232 and A-5690.
Design of this transceiver reflects
particular attention to active filter
performance. This results in low bit
and word error rate with superior
waveform purity and minimal zero
crossover distortion. The ACT4808
series
active
filter
design
has
additional high frequency roll-off to
provide
the
required
Macair
low
harmonic distortion waveform without
increasing
the
pulse
delay
characteristics significantly.
Efficient
transmitter
electrical
and
thermal design provides low internal
power dissipation and heat rise at
high and well as low duty cycles.The
receiver
input
threshold
is
set
Internally.
Transmitter
The
Transmitter
section
accepts
bi-phase TTL data at the input and
when coupled to the data bus as per
Figure 3 or 4 and by two 70 Ohm
terminations (ZO), the data bus signal
produced is 6.5 Volts minimum P-P at
A-A’. When both DATA and DATA
ACT4808 Transceiver
Block Diagram (without Transformer), 1/2 of unit shown
SHAPING
OUTPUT
STAGE
COMP.
COMP.
ACTIVE
FILTER
INPUT
AMP
DRIVER
TX DATA IN
TX DATA IN
TX INHIBIT
+5 V
RX DATA IN
RX DATA IN
STROBE
TX DATA OUT
TX DATA OUT
RX DATA OUT
RX DATA OUT
VEE
VCC
V+
V-
ACT4808 Dual Transceivers for
MACAIR A3818, A5690, A5232, A4905
& MIL-STD-1553


Similar Part No. - ACT4808

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4808N AEROFLEX-ACT4808N Datasheet
142Kb / 9P
Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
ACT4808N-D AEROFLEX-ACT4808N-D Datasheet
142Kb / 9P
Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
ACT4808N-DF AEROFLEX-ACT4808N-DF Datasheet
142Kb / 9P
Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
ACT4808N-DFI AEROFLEX-ACT4808N-DFI Datasheet
142Kb / 9P
Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
ACT4808N-DI AEROFLEX-ACT4808N-DI Datasheet
142Kb / 9P
Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
More results

Similar Description - ACT4808

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4418 AEROFLEX-ACT4418 Datasheet
75Kb / 7P
ACT4418 Molded Dual Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4454 AEROFLEX-ACT4454 Datasheet
173Kb / 8P
ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
ACT4468D AEROFLEX-ACT4468D Datasheet
80Kb / 6P
ACT4468D Dual Transceivers for MIL-STD-1553
ARX4404 AEROFLEX-ARX4404 Datasheet
95Kb / 6P
ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4418 AEROFLEX-ARX4418 Datasheet
85Kb / 6P
ARX 4418 & 4417 Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4808 AEROFLEX-ARX4808 Datasheet
141Kb / 6P
VARX4808 Dual Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4810 AEROFLEX-ARX4810 Datasheet
91Kb / 6P
ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905
ACT4404N AEROFLEX-ACT4404N Datasheet
165Kb / 8P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4404N AEROFLEX-ACT4404N_07 Datasheet
165Kb / 9P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4808N AEROFLEX-ACT4808N Datasheet
142Kb / 9P
Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com