Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5101-1 Datasheet(PDF) 11 Page - Aeroflex Circuit Technology

Part # ACT5101-1
Description  ACT5101-1 HIGH VOLTAGE 3-PHASE BRUSHLESS DC MOTOR DRIVE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT5101-1 Datasheet(HTML) 11 Page - Aeroflex Circuit Technology

Back Button ACT5101-1 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT5101-1 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT5101-1 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT5101-1 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT5101-1 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT5101-1 Datasheet HTML 9Page - Aeroflex Circuit Technology ACT5101-1 Datasheet HTML 10Page - Aeroflex Circuit Technology ACT5101-1 Datasheet HTML 11Page - Aeroflex Circuit Technology ACT5101-1 Datasheet HTML 12Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Aeroflex Circuit Technology
SCD5101-1 REV D 5/14/01 Plainview NY (516) 694-6700
MECHANICAL
The ACT5101-1 construction utilizes only the highest quality materials and manufacturing available to
ensure a high reliability, robust power hybrid design. The case is selected for best thermal conductivity,
hermeticity, and voltage/current carrying capability. The case is electrically isolated from the circuit and
can withstand 1500 VAC from pin to case, and input pins to output pins, therefore no insulating pads or
washers are required for mounting.
In order to remove the heat being generated from the ACT5101-1, it must be bolted down to the motor, a
heat sink or the actual system chassis such as a missile structure or aircraft wing rib for example. Thermally
conductive grease or a "Sil-pad" is recommended between the hybrid case baseplate and its mounting
surface to fill in any surface imperfections and improve the heat transfer from case-to-heat sink. It is
important to keep the temperature at this interface no greater than +125 degrees C in order to maintain
safe semi-conductor junction temperatures.
The leads of the ACT5101-1 can be formed upward, away from the baseplate, so that a PC board can be
mounted directly above it. A wiring harness can also be hand-wired and soldered directly to the leads of
the ACT5101-1 if this is preferred.
T
jDIODE
P
d
[] θ
jcDIODE
T
C
+
⋅
=
T
jDIODE
29.25 0.85
° 85°
+
⋅
=
T
jDIODE
109.9
° C
=
θ
jc DIODE
0.85
°C/W
=
T
C
85
° C
=
P
HYBRID
2 P
s
P
c
P
d
++
[]
=
P
HYBRID
2 125
4
29.25
++
[]
=
P
HYBRID
316.5 W
=
Maximum hybrid dissipation will be:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com