Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5101-1 Datasheet(PDF) 12 Page - Aeroflex Circuit Technology

Part # ACT5101-1
Description  ACT5101-1 HIGH VOLTAGE 3-PHASE BRUSHLESS DC MOTOR DRIVE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT5101-1 Datasheet(HTML) 12 Page - Aeroflex Circuit Technology

Back Button ACT5101-1 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT5101-1 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT5101-1 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT5101-1 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT5101-1 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT5101-1 Datasheet HTML 9Page - Aeroflex Circuit Technology ACT5101-1 Datasheet HTML 10Page - Aeroflex Circuit Technology ACT5101-1 Datasheet HTML 11Page - Aeroflex Circuit Technology ACT5101-1 Datasheet HTML 12Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
Aeroflex Circuit Technology
SCD5101-1 REV D 5/14/01 Plainview NY (516) 694-6700
PIN
FUNCTION
PIN
FUNCTION
1RTN C
26
GND
2
PHASE C
25
UC
3V + C
24
LC
4N/C
23
SD
5RTN B
22
GND
6
PHASE B
21
UB
7V + B
20
LB
8RTN A
19
GND
9
PHASE A
18
UA
10
N/C
17
LA
11
V + A
16
N/C
12
+15 V
15
N/C
13
N/C
14
N/C
INPUTS
OUTPUTS
PHASE A PHASE B PHASE C
UA
UB
UC
LA
LB
LC
SD
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
1
1
1
0
0
0
0
0
0
1
1
1
1
1
1
0
0
0
0
0
0
1
1
1
0
0
0
1
1
1
0
0
0
1
1
1
1
0
0
1
0
0
0
0
0
1
1
1
1
1
0
1
1
0
0
1
0
1
1
1
1
1
0
1
0
0
0
0
0
1
0
1
1
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Z
L
L
Z
L
L
L
L
L
H
H
H
H
H
Z
H
H
Z
L
Z
L
H
H
H
H
H
Z
Z
L
L
L
L
L
H
Z
H
H
H
H
L
Z
L
H
Z
H
L
Z
L
H
Z
H
L
L
L
1
1
0
1
1
0
1
1
0
1
0
1
1
0
1
1
0
1
0
0
0
Z
L
H
Z
L
H
Z
L
H
XXXXXX
1
Z
Z
Z
H=high level, L=low level, X=irrelevant, Z=high impedance (off)
2.100
1.600
.250
.120
1.860
3.000
.125
2.750
.300
.057
2.010
.330
4X
.128 -.005,+.002 THRU
26X
.048 - .052
13
14
26
.54-.58
1
The information contained in this data sheet is believed to be accurate; however, Aeroflex Laboratories Incorporated assumes no
responsibility for its use, and no license or rights are granted by implication or othewise in connection therewith.
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11803
FAX:
(516) 694-6715
Toll Free Inquiries: 1-(800) 843-1553
Telephone: (516) 694-6700
Specifications subject to change without notice
CIR C UIT T E CH NO LO G Y
12X .200
Power Package Outline
.050
Notes:
1. Package contains BeO substrate.
2. Dimensions Tolerance: ±.005, unless otherwise noted.
±.020
.165
Chamfer
.035-.065 X 45°
See note 3
3. Pin Tolerance: non-cumulative
.003IN/IN
.003IN/IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com