Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7006 Datasheet(PDF) 17 Page - Aeroflex Circuit Technology

Part # ACT7006
Description  ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT7006 Datasheet(HTML) 17 Page - Aeroflex Circuit Technology

Back Button ACT7006 Datasheet HTML 13Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 14Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 15Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 16Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 17Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 18Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 19Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 20Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 21Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Aeroflex Circuit Technology
SCD7005 REV B 8/2/01
Plainview NY (516) 694-6700
17
Operation
RD
WT
DS
AD3
AD2
AD1
AD0
BC AND RT MODE
No Operation-l/O Bus Tri-stated
x
x
1
x
x
x
x
Read Operation Reg. High Byte
*P
1000
01
Read Operation Reg. Low Byte
P
1000
00
Write Operation Reg. High Byte
1
P
0
0
0
0
1
Write Operation Reg. Low Byte
1
P
0
0
0
0
0
Read Output FIFO (High Byte First)
P
1
0
1
1
1
0
Write Input FIFO (High Byte First)
1
P
0
1
1
1
0
Execute Operation (Load/Unload RAM)
1
P
0
1
0
0
0
Execute Operation with Repeat
1
P
0
1
0
1
0
Reset Input FIFO
1
P
0
1
0
1
1
Reset Output FIFO
1
P
0
1
1
0
1
Reset Input and Output FIFOS
1
P
0
1
1
0
0
RT MODE ONLY
Read RT Command Word Reg. High Byte
P
1
0
0
1
0
1
Read RT Command Word Reg. LowByte
P
1
0
0
1
0
0
Read Receive Command Reg. High Byte
P
1
0
0
0
1
1
Read Receive Command Reg. LowByte
P
1
0
0
0
1
0
Read SYNC Data Reg. High Byte
P
1
0
0
1
1
1
Read SYNC Data Reg. Low Byte
P
1
0
0
1
1
0
Write Vector Word Reg. High Byte
1
P
0
0
1
1
1
Write Vector Word Reg. Low Byte
1
P
0
0
1
1
0
*P = Active Low Strobe
Note: When operating in 8-bit mode it is recommended that FIFO access be confined to even
numbers of Read or Write operations only. Failure to conform to this can result in incorrect data being
transferred to internal RAM.
BC MODE ONLY
Read Status Word #1 Reg. High Byte
P
1000
11
Read Status Word #1 Reg. Low Byte
P
1000
10
Read Status Word #2/RMD Reg. High Byte
P
1001
11
Read Status Word #2/RMD Reg. Low Byte
P
1001
10
Write Command Word #1 Reg. High Byte
1
P
0
0
0
1
1
Write Command Word #1 Reg. Low Byte
1
P
0
0
0
1
0
Write Command Word #2/AMD Reg. High Byte
1
P
0
0
1
1
1
Write Command Word #2/AMD Reg. Low Byte
1
P
0
0
1
1
0
Trigger Transaction
1
P
010
01
Table 9 – 8-Bit Mode I/O Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com