Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7006 Datasheet(PDF) 22 Page - Aeroflex Circuit Technology

Part # ACT7006
Description  ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT7006 Datasheet(HTML) 22 Page - Aeroflex Circuit Technology

Back Button ACT7006 Datasheet HTML 18Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 19Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 20Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 21Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 22Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 23Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 24Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 25Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 26Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Aeroflex Circuit Technology
SCD7005 REV B 8/2/01
Plainview NY (516) 694-6700
22
32
RTADER
Remote Terminal Address Error. This line goes low if an error is
detected in the RT address parity of the selected receiver. Any
receiver detecting an error in the RT address will turn itself off.
11
SA0
Subaddress. These five lines are a label for the
data being transferred. Valid when INCMD is
low. SA4 is the most significant bit.
13
SA1
15
SA2
14
SA3
12
SA4
54
SELFTEST
Self Test Interrupt indicates that the Initiate Self Test Mode
Command is being served.
27
STATUSUPDATE
Status Update. When held low, causes TF or SSF to appear in
Status Word response to Transmit Status or Transmit Last
Command issued immediately after fault occurrence.
36
SYNCND
Synchronize No Data Interrupt
37
SYNCWD
Synchronize with Data Interrupt
29
TEST #l
Test #1 Factory Test Point (Do not connect).
30
TEST #2
Test #2 Factory Test Point (Do not connect).
8TX/RX
Transmit/Receive. The state of this line informs the subsystem
whether it is to transmit or receive data. The signal is valid while
INCMD is low.
35
VECTOR
Vector Interrupt
4
WC0
Word Count. These Five lines specify the
requested number of Data Words to be received
or transmitted. Valid when INCMD is low. WC4
is the most significant bit.
5WC1
7WC2
9WC3
10
WC4
89
WT
Write Strobe. Must GO LOW together with DS to perform a write
operation. NOTE: RD must be high.
6
INCMD
IN COMMAND. Goes low when the interface is servicing a valid
command. Can be utilized to enable external firm-ware to
illegalize subaddresses and mode command not allowed by
Pin #
Signal Name
Signal Description
Table 11 – Pin Number Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com