Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7006 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT7006
Description  ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT7006 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT7006 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Aeroflex Circuit Technology
SCD7005 REV B 8/2/01
Plainview NY (516) 694-6700
3
Parameter
Min
Max
Units
Power Supply Voltage (VCC)-0.3
7.0
V
Power Supply Voltage (VCCL & VDD)-0.3
7.0
V
Receiver Differential Input
(DATA CH A/B / DATA CH A/B)
-10
+10
V
Receiver Input Voltage
(DATA CH A/B or DATA CH A/B – Common Mode)
-5
+5
V
Operating Case Temperature Range (TC)
-55
+125
°C
Transmission Duty Cycle at TC = +125°C
-
100
%
Table 1 – Absolute Maximum Ratings
Parameter/Condition
Symbol
Min
Typ
Max
Unit
Power Supply Voltage
VCC
4.75
5
5.5
mA
Total supply current "standby" mode or transmitting at
less than 1% duty cycle (e.g. 20µs of transmission every
2ms or longer interval).
2/
ICC@1%
18
30
mA
Total supply current transmitting at 1MHz into a 35
Ω load
at Point A in Figure 1.
2/ 1/
ICC @ 25%
ICC @ 50%
ICC @ 100%
150
300
600
175
350
700
mA
mA
mA
Note:
1/
Decreases linearly to applicable "standyby" values at zero duty cycle.
2/
Represents one channel only.
Table 2 – Analog Transceiver Power Supply Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com