Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7005 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # 7005
Description  ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

7005 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  7005 Datasheet HTML 1Page - Aeroflex Circuit Technology 7005 Datasheet HTML 2Page - Aeroflex Circuit Technology 7005 Datasheet HTML 3Page - Aeroflex Circuit Technology 7005 Datasheet HTML 4Page - Aeroflex Circuit Technology 7005 Datasheet HTML 5Page - Aeroflex Circuit Technology 7005 Datasheet HTML 6Page - Aeroflex Circuit Technology 7005 Datasheet HTML 7Page - Aeroflex Circuit Technology 7005 Datasheet HTML 8Page - Aeroflex Circuit Technology 7005 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Aeroflex Circuit Technology
SCD7005 REV B 8/2/01
Plainview NY (516) 694-6700
4
Parameter/Condition
Symbol
Min
Max
Unit
Differential impedance DC to 1MHz,
See Figure 4
Point A
ZIO
2K
Ω
Point C
1K
Ω
Differential voltage range
VDIR
-10
+10
VPEAK
Input common mode voltage range
VICR
-5
+5
VPEAK
Common mode rejection ratio (from point A, Figure 4)
CMRR
40
dB
Threshold characteristics (sine wave at 1MHz)
NOTE: Threshold voltages refer Figure 4
Point A
VTH1
0.8
1.1
Vp-p
Point C
VTH2
0.56
0.86
Vp-p
Table 3 – Analog Transceiver Electrical Characteristics (Receiver Section)
(Over Full Temperature Range)
Parameter / Condition
Symbol
Min
Typ
Max
Unit
Differential output level at point B,
See Figure 4
140
Ω Point B
VO
24
35
Vp-p
70
Ω Point C
18
25
Vp-p
Differential Output Noise at Point A, See Figure 4
VNOI
10
mVp-p
Output Offset at point A in Figure 4,
2.5µs after mid-bit crossing of parity bit
of last word of a 660µs message
Point A (35
Ω)
Vos1
-90
+90
mV
Point C (70
Ω)
Vos2
-250
+250
mV
Rise and Fall times (10% to 90% of p-p output)
tR & tF
100
160
300
ns
Table 4 – Analog Transceiver Electrical Characteristics (Transmitter Section)
(Over Full Temperature Range)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com