Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7005 Datasheet(PDF) 28 Page - Aeroflex Circuit Technology

Part # 7005
Description  ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

7005 Datasheet(HTML) 28 Page - Aeroflex Circuit Technology

Back Button 7005 Datasheet HTML 21Page - Aeroflex Circuit Technology 7005 Datasheet HTML 22Page - Aeroflex Circuit Technology 7005 Datasheet HTML 23Page - Aeroflex Circuit Technology 7005 Datasheet HTML 24Page - Aeroflex Circuit Technology 7005 Datasheet HTML 25Page - Aeroflex Circuit Technology 7005 Datasheet HTML 26Page - Aeroflex Circuit Technology 7005 Datasheet HTML 27Page - Aeroflex Circuit Technology 7005 Datasheet HTML 28Page - Aeroflex Circuit Technology 7005 Datasheet HTML 29Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
Aeroflex Circuit Technology
SCD7005 REV B 8/2/01
Plainview NY (516) 694-6700
28
Pin
#
Function
Pin
#
Function
Pin
#
Function
1
6MHZ CLOCK INPUT
31
RESET [MASTER]
61
RETRY
2
GND [LOGIC]
32
RTADER
62
GOODBLK / VALIDTXFR
3MEREQ
33
LTFAIL
63
VALIDXMIT / INVLDTXFR
4
WC0
34
N/C - ACT7005 / SERR - ACT7006
64
DB0
5
WC1
35
VECTOR
65
DB1
6
INCMD
36
SYNCND
66
DB2
7
WC2
37
SYNCWD
67
DB3
8T/R
38
VCCL (A) [TX/RX / LOGIC]
68
DB4
9
WC3
39
N/C
69
DB5
10
WC4
40
DATA CH A
70
DB6
11
SA0
41
OUTPUT GND A
71
DB7
12
SA4
42
DATA CH A
72
DB8
13
SA1
43
ANALOG GND A
73
DB9
14
SA3
44
DIGITAL GND A
74
DB10
15
SA2
45
N/C
75
DB11
16
+5V [VDD]
46
N/C
76
DB12
17
RTADPAR
47
DIGITAL GND B
77
DB13
18
RTAD4
48
ANALOG GND B
78
DB14
19
RTAD3
49
DATA CH B
79
DB15
20
RTAD2
50
OUTPUT GND B
80
GND [LOGIC]
21
RTAD1
51
DATA CH B
81
AD0
22
RTAD0
52
N/C
82
AD1
23
BCSTEN
53
VCCL (B) [TX/RX / LOGIC]
83
AD2
24
ENABLE
54
SELF TEST
84
AD3
25
BIT DECODE
55
NBGT
85
A10 [IN]
26
NEXT STATUS
56
DBCREQ
86
A10 [OUT]
27
STATUS UPDATE
57
MODE RESET
87
+5V [VDD]
28
MODE 16/8
58
PASS
88
RD
29
TEST1
59
BUFF EF
89
WT
30
TEST2
60
DONE
90
DS
Table 14 – ACT7005 / 7006 DIP Package Pinouts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com