Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7005 Datasheet(PDF) 21 Page - Aeroflex Circuit Technology

Part # 7005
Description  ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

7005 Datasheet(HTML) 21 Page - Aeroflex Circuit Technology

Back Button 7005 Datasheet HTML 17Page - Aeroflex Circuit Technology 7005 Datasheet HTML 18Page - Aeroflex Circuit Technology 7005 Datasheet HTML 19Page - Aeroflex Circuit Technology 7005 Datasheet HTML 20Page - Aeroflex Circuit Technology 7005 Datasheet HTML 21Page - Aeroflex Circuit Technology 7005 Datasheet HTML 22Page - Aeroflex Circuit Technology 7005 Datasheet HTML 23Page - Aeroflex Circuit Technology 7005 Datasheet HTML 24Page - Aeroflex Circuit Technology 7005 Datasheet HTML 25Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Aeroflex Circuit Technology
SCD7005 REV B 8/2/01
Plainview NY (516) 694-6700
21
24
ENABLE
Enable. When held low, enables Bit Decode, Next Status, and
Status Update program lines.
62
INT #l
Good Block (RT) / VALID TRANSFER (BC)
63
INT #2
VALID Transmit (RT) / INVALID TRANSFER (BC)
33
LTFAIL
Loop Test Fail. This line goes low if any error in the terminals
own transmitted waveform is detected or if any parity error in the
hardwired RT address is detected.
3MEREQ
Message Error Request. To set the Message Error bit in the
Status Word, this signal must go low within 650 nsec of INCMD
going low and remain valid for the DURATION of INCMD.
57
MODEREST
Mode Reset. This line pulses low for 500 ns on completion of
the servicing of a valid Reset Remote Terminal Mode
Command.
28
M16/8
Programs Interface for 8 Bit or 16 Bit Data Buses.
16/8 = LOW (0) 8 BIT MODE
16/8 = HIGH (1) 16 BIT MODE
55
NBGT
New Bus Grant. Pulses low whenever a new command is
accepted.
26
NEXT STATUS
Next Status. When held low, causes TF or SSF to appear in very
next Status Word after fault occurrence (except for Transmit
Status or Transmit Last Command).
58
PASS
Pass. Interrupt indicates that the protocol self-test has
completed with no faults.
88
RD
Read Strobe. Must GO LOW together with DS to perform a
READ OPERATION. Note: WT STROBE MUST BE HIGH.
61
RETRY
Retry Interrupt
31
RESET
System MASTER Reset. When low resets all registers and
INPUT/OUTPUT FIFO buffers. Minimum Low Time for reset 0.5
µsec.
17
RTADPAR
RT Address Parity. This must be hardwired by the user to give
odd parity.
22
RTAD0
RT Address Lines. These should be hardwired
by the user. RTAD4 is the most significant bit.
21
RTAD1
20
RTAD2
19
RTAD3
18
RTAD4
Pin #
Signal Name
Signal Description
Table 11 – Pin Number Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com