Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1345FNPC Datasheet(PDF) 10 Page - Agere Systems

Part # 1345FNPC
Description  1345-Type Receiver with Clock Recovery and Data Retiming
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

1345FNPC Datasheet(HTML) 10 Page - Agere Systems

Back Button 1345FNPC Datasheet HTML 4Page - Agere Systems 1345FNPC Datasheet HTML 5Page - Agere Systems 1345FNPC Datasheet HTML 6Page - Agere Systems 1345FNPC Datasheet HTML 7Page - Agere Systems 1345FNPC Datasheet HTML 8Page - Agere Systems 1345FNPC Datasheet HTML 9Page - Agere Systems 1345FNPC Datasheet HTML 10Page - Agere Systems 1345FNPC Datasheet HTML 11Page - Agere Systems 1345FNPC Datasheet HTML 12Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Agere Systems Inc.
1345-Type Receiver with
Data Sheet
Clock Recovery and Data Retiming
January 2000
Ordering Information
Table 3. OC-3/STM-1 Receiver Versions
* These versions have nonsquelching data and clock outputs. See Nonsquelched Data and Clock Outputs section on page 2.
Table 4. OC-12/STM-4 Receiver Versions
* These versions have nonsquelching data and clock outputs. See Nonsquelched Data and Clock Outputs section on page 2.
Table 5. Related Products
Device Code
Pin 10 Requirements
Connector
Comcode
1345FMPC
No
Internal
Connections
FC-PC
108339979
1345CMPC
SC
108354473
1345TMPC
ST ®
108572421
1345FMPD*
FC-PC
108354515
1345CMPD*
SC
108354481
1345TMPD*
ST
108572439
1345FAPC
Requires
+5 V
or
–5 V
FC-PC
108468687
1345CAPC
SC
108359175
1345TAPC
ST
108572249
1345FAPD*
FC-PC
108572322
1345CAPD*
SC
108572280
1345TAPD*
ST
108572389
Device Code
Pin 10 Requirements
Connector
Comcode
1345FNPC
No
Internal
Connections
FC-PC
108155722
1345CNPC
SC
107354499
1345TNPC
ST
108572447
1345FNPD*
FC-PC
108354523
1345CNPD*
SC
108354507
1345TNPD*
ST
108572454
1345FBPC
Requires
+5 V
or
–5 V
FC-PC
108572355
1345CBPC
SC
108572298
1345TBPC
ST
108572397
1345FBPD*
FC-PC
108573965
1345CBPD*
SC
108572306
1345TBPD*
ST
108572413
Description
Document Number
1241/1243/1245-Type Receivers for SONET/SDH Applications
DS99-073LWP
1340-Type Receiver with Clock Recovery and Data Retiming
DS00-098LWP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com