Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1345FNPC Datasheet(PDF) 7 Page - Agere Systems

Part # 1345FNPC
Description  1345-Type Receiver with Clock Recovery and Data Retiming
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

1345FNPC Datasheet(HTML) 7 Page - Agere Systems

Back Button 1345FNPC Datasheet HTML 3Page - Agere Systems 1345FNPC Datasheet HTML 4Page - Agere Systems 1345FNPC Datasheet HTML 5Page - Agere Systems 1345FNPC Datasheet HTML 6Page - Agere Systems 1345FNPC Datasheet HTML 7Page - Agere Systems 1345FNPC Datasheet HTML 8Page - Agere Systems 1345FNPC Datasheet HTML 9Page - Agere Systems 1345FNPC Datasheet HTML 10Page - Agere Systems 1345FNPC Datasheet HTML 11Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Agere Systems Inc.
Data Sheet
1345-Type Receiver with
January 2000
Clock Recovery and Data Retiming
Characteristics (continued)
Table 2. Optical Characteristics
*
For a 1 x 10
–10 BER. Measured with a 223 – 1 pseudorandom word optical input having a 50% average duty cycle.
†
Whenever the flag output is deasserted (logic low), the DATA and CLOCK outputs are silenced. See the Flag Output section on
page 2 for the DATA and CLOCK output signal levels.
‡
Power supply noise in excess of 50 mVp-p may degrade the performance of the receiver. See User Interface section for recom-
mended power supply filtering.
1-725(C)
Figure 4. Clock/Data Alignment
Parameter
Symbol
Data Rates
Mbits/s
Min
Typ
Max*
Unit
Measured Average Sensitivity:*, †
OC-3
OC-12
PRL
PRL
OC-3/STM-1
OC-12/STM-4
—
—
38
–32.5
–36
–30
dBm
dBm
Maximum Input Power‡
PMAX
OC-3/STM-1
OC-12/STM-4
0
–6
2
–4
—
—
dBm
dBm
Link Status Flag Threshold:‡
Decreasing Light Input
Decreasing Light Input
LSTD
LSTI
OC-3/STM-1
OC-12/STM-4
OC-3/STM-1
OC-12/STM-4
–50
–50
–50
–50
–41
–38.8
–38
–35
–37.5
–32.5
–37.0
–32.0
dBm
dBm
dBm
dBm
Flag Hysteresis
HYS
155/622
0.5
3
6
dB
Flag Response Time
tFLAG
155/622
3
—
100
µs
Detector Responsivity
R
155/622
0.7
0.8
1.2
A/W
50%
50%
CLOCKOUT
DATAOUT
TCDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com