Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1345FNPC Datasheet(PDF) 1 Page - Agere Systems

Part # 1345FNPC
Description  1345-Type Receiver with Clock Recovery and Data Retiming
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

1345FNPC Datasheet(HTML) 1 Page - Agere Systems

  1345FNPC Datasheet HTML 1Page - Agere Systems 1345FNPC Datasheet HTML 2Page - Agere Systems 1345FNPC Datasheet HTML 3Page - Agere Systems 1345FNPC Datasheet HTML 4Page - Agere Systems 1345FNPC Datasheet HTML 5Page - Agere Systems 1345FNPC Datasheet HTML 6Page - Agere Systems 1345FNPC Datasheet HTML 7Page - Agere Systems 1345FNPC Datasheet HTML 8Page - Agere Systems 1345FNPC Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1345-Type Receiver with
Clock Recovery and Data Retiming
Data Sheet
January 2000
Operating at 1.3
µm or 1.55 µm wavelengths and at
155 Mbits/s or 622 Mbits/s, the versatile 1345-Type Receiver is
manufactured in a 20-pin, plastic DIP with a multimode fiber
pigtail.
Features
s
Backward compatible with 1330 family
s
Space-saving, self-contained, 20-pin plastic DIP
s
Silicon based ICs
s
Single 5 V power supply operation including
photocurrent monitor capability
s
Exceeds all SONET (GR-253-CORE) and ITU-T
G.958 jitter requirements
s
Clocked decision circuit
s
Regenerated differential clock signal
s
Wide dynamic range
s
Qualified to meet the intent of
Telcordia Technolo-
gies ™ reliability practices
s
Operates at data rates of 155 Mbits/s or
622 Mbits/s
s
Positive ECL (PECL) data outputs
s
CMOS (TTL) link-status flag output
s
Operation at 1.3
µm or 1.55 µm wavelengths
s
Operating temperature range of –40 °C to +85 °C
Applications
s
Telecommunications:
— Inter- and intraoffice SONET/ITU-T SDH
— Subscriber loop
— Metropolitan area networks
s
High-speed data communications
Description
The 1345-Type fiber-optic receiver is designed for
use in transmission systems or medium- to high-
speed data communication applications. Used in
intermediate- and long-reach applications, the
receiver operates at the SONET OC-3 or OC-12 data
rate as well as the ITU-T synchronous digital hierar-
chy (SDH) rate of STM-1 or STM-4, depending on
the receiver model chosen. The receiver meets all
present
Telcordia Technologies GR-253-CORE
requirements, the current ANSI T1X1.5 intraoffice
specifications, and the ITU-T G.957 and G.958 rec-
ommendations. Compact packaging, a high level of
integration, and a wide dynamic range make these
receivers ideal for data communications.
Manufactured in a 20-pin DIP, the receiver consists of
a planar InGaAs PIN photodetector, a silicon pream-
plifier, a silicon bipolar limiting amplifier that converts
the small signal to ECL levels, a timing recovery unit
to recover the clock, and a silicon bipolar decision cir-
cuit.


Similar Part No. - 1345FNPC

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1345F BELDEN-1345F Datasheet
168Kb / 3P
Fieldbus, 2 C #1518 Str TC, PVC-NYL&FEP Ins, ISOA TC Brd, TPE Jkt,High Flex
05-05-2023
1345FT5U1000 BELDEN-1345FT5U1000 Datasheet
168Kb / 3P
Fieldbus, 2 C #1518 Str TC, PVC-NYL&FEP Ins, ISOA TC Brd, TPE Jkt,High Flex
05-05-2023
More results

Similar Description - 1345FNPC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD800 AD-AD800 Datasheet
253Kb / 12P
Clock Recovery and Data Retiming Phase-Locked Loop
REV.B
AD807 AD-AD807 Datasheet
226Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV.A
AD808 AD-AD808 Datasheet
145Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV.0
logo
Maxim Integrated Produc...
MAX3676 MAXIM-MAX3676 Datasheet
181Kb / 16P
622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
MAX3676 MAXIM-MAX3676_09 Datasheet
274Kb / 15P
622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Rev 4; 3/09
logo
Analog Devices
AD807 AD-AD807_00 Datasheet
472Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD800 AD-AD800_15 Datasheet
141Kb / 12P
Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD802 AD-AD802_15 Datasheet
141Kb / 12P
Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD807 AD-AD807_15 Datasheet
472Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD808 AD-AD808_15 Datasheet
153Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com