Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWAA8D1A Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # SWAA8D1A
Description  Super high Flux output and high Luminance
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWAA8D1A Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button SWAA8D1A Datasheet HTML 7Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 8Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 9Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 10Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 11Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 12Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 13Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 14Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
Rev. 01
Rev. 01
September 2012
September 2012
WWW.SEOULSEMICON.COM
WWW.SEOULSEMICON.COM
서식번호 : SSC-QP-7-07-18 (Rev.00)
* Measurement Uncertainty of the Color Coordinates : ± 0.01
● COLOR RANK
VF=120V, IF=120mA, Ta=25℃
VF=220V, IF=60mA, Ta=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com