Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWAA8D1A Datasheet(PDF) 22 Page - Seoul Semiconductor

Part # SWAA8D1A
Description  Super high Flux output and high Luminance
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWAA8D1A Datasheet(HTML) 22 Page - Seoul Semiconductor

Back Button SWAA8D1A Datasheet HTML 15Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 16Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 17Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 18Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 19Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 20Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 21Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 22Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 23Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
22
Rev. 01
Rev. 01
September 2012
September 2012
WWW.SEOULSEMICON.COM
WWW.SEOULSEMICON.COM
서식번호 : SSC-QP-7-07-18 (Rev.00)
• Storage
To avoid the moisture penetration, we recommend storing Acriche Power LEDs in a dry box
with a desiccant . The recommended storage temperature range is 5C to 30C and a maximum
humidity of 70%.
• Use Precaution after Opening the Packaging
Pay attention to the following:
a. Soldering should be done immediately after opening the package (within 24Hrs).
b. Required conditions after opening the package
- Sealing
- Temperature : 5 ~ 40℃ Humidity : less than 50%
c. If the package has been opened more than 1 week or the color of the desiccant changes,
components should be dried for 10-12hr at 60±5℃
• Do not apply mechanical force or excess vibration during the cooling process to normal
temperature after soldering.
• Do not rapidly cool device after soldering.
• Components should not be mounted on warped (non coplanar) portion of PCB.
• Radioactive exposure is not considered for the products listed here in.
• This device should not be used in any type of fluid such as water, oil, organic solvent and etc.
When washing is required, IPA (Isopropyl Alcohol) should be used.
• When the LEDs are in operation the maximum current should be decided after measuring the
package temperature.
• LEDs must be stored properly to maintain the device. If the LEDs are stored for 3 months or
more after being shipped from SSC, a sealed container with vaccum atmosphere should be used
for storage.
• The appearance and specifications of the product may be modified for improvement without
notice.
• Long time exposure of sunlight or occasional UV exposure will cause silicone discoloration.
• Attaching LEDs, do not use adhesives that outgas organic vapor.
Precaution for use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com