Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWAA8D1A Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # SWAA8D1A
Description  Super high Flux output and high Luminance
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWAA8D1A Datasheet(HTML) 4 Page - Seoul Semiconductor

  SWAA8D1A Datasheet HTML 1Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 2Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 3Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 4Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 5Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 6Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 7Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 8Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
Rev. 01
Rev. 01
September 2012
September 2012
WWW.SEOULSEMICON.COM
WWW.SEOULSEMICON.COM
서식번호 : SSC-QP-7-07-18 (Rev.00)
Characteristics of A8(Part no : SAWW8D1A )
1. Warm white
1-1 Electro-Optical characteristics at 10W(LED emitter’s power)
1-2 Absolute Maximum Ratings
mA
60
IF
Forward Current (RMS)
K/W
RθJ-s
1
Thermal resistance (J to s) [6]
View Angle
Forward Voltage [4](RMS)
CRI
Correlated Color Temperature [3]
Luminous Flux [1]
Parameter
lm
800
Ф
V
[2]
V
220
VF
K
-
3000
-
CCT
Max
Typ
Min
-
-
deg.
120
2Θ ½
-
80
Ra
Unit
Value
Symbol
V
250
VF
Voltage (RMS)
W
13
Pd
LED Power Dissipation [5]
(RMS)
ºc
125
Tj
Junction Temperature
kV
±10
-
ESD Sensitivity (HBM)
ºC
-40 ~ +100
Tstg
Storage Temperature
ºC
-40 ~ +85
Topr
Operating Temperature[7]
Unit
Value
Symbol
Parameter
*Notes :
[1] SSC maintains a tolerance of 10% on flux and power measurements.
[2] ФV is the total luminous flux output as measured with an integrating sphere.
[3] Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
CCT 5% tolerance.
[4] Tolerance is 10V on forward voltage measurements
[5] Power Dissipation is LED emitter’s consumption excluding the power resistor.
The LED emitter’s 10W coincides with 12~13W.
See pp10
[6] At thermal Resistance, J to S means junction to COB’s metal pcb bottom.
[7] Operating temperature is ambient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com