Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWAA0B Datasheet(PDF) 16 Page - Seoul Semiconductor

Part # SWAA0B
Description  Side View LED of Reflector type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWAA0B Datasheet(HTML) 16 Page - Seoul Semiconductor

Back Button SWAA0B Datasheet HTML 9Page - Seoul Semiconductor SWAA0B Datasheet HTML 10Page - Seoul Semiconductor SWAA0B Datasheet HTML 11Page - Seoul Semiconductor SWAA0B Datasheet HTML 12Page - Seoul Semiconductor SWAA0B Datasheet HTML 13Page - Seoul Semiconductor SWAA0B Datasheet HTML 14Page - Seoul Semiconductor SWAA0B Datasheet HTML 15Page - Seoul Semiconductor SWAA0B Datasheet HTML 16Page - Seoul Semiconductor SWAA0B Datasheet HTML 17Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
Rev. 00
Rev. 00
October, 2012
October, 2012
www.acrich.com
www.acrich.com
Document No. : QP-7-07-18 (Rev.00) 공통_을
[
[16
16 /17]
/17]
10. Soldering
(3) Hand Soldering conditions
Not more than 3 seconds @MAX 350C, under Soldering iron.
Note : In case that the soldered products are reused in soldering process, we don’t guarantee the products.
Lead Free Solder
Pre-heat
150~200℃
Pre-heat time
120 sec. Max.
Peak-Temperature
260℃ Max.
Soldering time Condition
10 sec. Max.
2.5~5 C / sec.
o
o
o
Pre-heating
120~150 C
120sec. Max.
60sec. Max.
Above 200 C
o
240 C Max.
10 sec. Max.
2.5~5 C / sec.
260 C Max.
10 sec. Max.
o
60sec. Max.
Above 220 C
120sec. Max.
Pre-heating
150~200
C
1~5 C / sec.
o
o
o
o
1~5 C / sec.
(1) Lead Solder
(2) Lead-Free Solder
Lead Free Solder
Pre-heat
120~150℃
Pre-heat time
120 sec. Max.
Peak-Temperature
240℃ Max.
Soldering time Condition
10 sec. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com