Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWAA0B Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # SWAA0B
Description  Side View LED of Reflector type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWAA0B Datasheet(HTML) 5 Page - Seoul Semiconductor

  SWAA0B Datasheet HTML 1Page - Seoul Semiconductor SWAA0B Datasheet HTML 2Page - Seoul Semiconductor SWAA0B Datasheet HTML 3Page - Seoul Semiconductor SWAA0B Datasheet HTML 4Page - Seoul Semiconductor SWAA0B Datasheet HTML 5Page - Seoul Semiconductor SWAA0B Datasheet HTML 6Page - Seoul Semiconductor SWAA0B Datasheet HTML 7Page - Seoul Semiconductor SWAA0B Datasheet HTML 8Page - Seoul Semiconductor SWAA0B Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
Rev. 00
Rev. 00
October, 2012
October, 2012
www.acrich.com
www.acrich.com
Document No. : QP-7-07-18 (Rev.00) 공통_을
[
[5
5 /17]
/17]
2. Absolute maximum ratings
Parameter
Symbol
Value
Unit
Power Dissipation
P
d
*1
102
mW
DC Forward Current
I
F
30
mA
Peak Forward Current
I
FM
*2
100
mA
Reverse Voltage
V
R
5
V
Operating Temperature
T
opr
-30 ~ +85
ºC
Storage Temperature
T
stg
-40 ~ +100
ºC
Junction Temperature
Tj max
100
ºC
*1 Care is to be taken that power dissipation does not exceed the absolute maximum rating of the product.
*2 I
FM was measured at TW ≤ 0.1msec of pulse width and D ≤ 1/10 of duty ratio.
3. Electro-Optical characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Forward
Voltage
Rank Z28
V
F
I
F =20mA
2.8
-
3.0
V
Rank Z30
3.0
-
3.2
Rank Z32
3.2
-
3.4
Rank z30
3.0
-
3.4
Reverse Current
I
R
V
R=5V
-
-
50
A
Luminous
Intensity*1
Rank S15H
I
V
I
F =20mA
1500
-
1600
mcd
Rank S16H
1600
-
1700
Rank S17H
1700
-
1800
Rank S18H
1800
-
1900
Rank S19H
1900
-
2000
Rank S20H
2000
-
2100
Rank S21H
2100
-
2200
Viewing Angle *2
2
½
I
F =20mA
120
deg.
(T
a = 25℃)
(T
a = 25℃)
* 1 Luminous intensity I
V is measured at the peak of the spatial pattern which may not be aligned with the mechanical
axis of the LED package. Luminous Intensity Measurement allowance is ±10%.
* 2
1/2
is the off-axis where the luminous intensity is 1/2 of the peak intensity.
* Tolerance of measurements of the Color Coordinates is ±0.007
* Tolerance of measurements of the Forward Voltage is ±0.1V
* The preliminary color coordinate can be changed without notice
* Note : All products confirm to the listed minimum and maximum specifications for electric and optical
characteristics, when operated at 20mA within the maximum ratings shown above.
All measurements were made under the standardized environment of Seoul Semiconductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com