Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWAA0B Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # SWAA0B
Description  Side View LED of Reflector type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWAA0B Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button SWAA0B Datasheet HTML 2Page - Seoul Semiconductor SWAA0B Datasheet HTML 3Page - Seoul Semiconductor SWAA0B Datasheet HTML 4Page - Seoul Semiconductor SWAA0B Datasheet HTML 5Page - Seoul Semiconductor SWAA0B Datasheet HTML 6Page - Seoul Semiconductor SWAA0B Datasheet HTML 7Page - Seoul Semiconductor SWAA0B Datasheet HTML 8Page - Seoul Semiconductor SWAA0B Datasheet HTML 9Page - Seoul Semiconductor SWAA0B Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
Rev. 00
Rev. 00
October, 2012
October, 2012
www.acrich.com
www.acrich.com
Document No. : QP-7-07-18 (Rev.00) 공통_을
[
[6
6 /17]
/17]
Forward Current vs. Forward Voltage
Intensity vs. Forward Current
Color Coordinate vs. Forward Current
Radiation Diagram
4. Characteristic Diagram
0.275
0.280
0.285
0.290
0.295
0.300
0.268
0.272
0.276
0.280
0.284
0.288
0.292
100 mA
80 mA
30 mA
5 mA
10 mA
20 mA
Ta = 25
OC
1 mA
x Coord.
-90
o
-60
o
-30
o
0
o
30
o
60
o
90
o
X-axis
Y-axis
Relative illuminance (a.u.)
y
x
2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6
-10
0
10
20
30
40
50
60
70
80
90
100
Ta = 25
OC
Forward Voltage [V]
-10 0 10 20 30 40 50 60 70 80 90 100
0
50
100
150
200
250
300
350
Ta = 25
OC
Forward Current [mA]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com