Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU5X34F Datasheet(PDF) 13 Page - Agere Systems

Part # LU5X34F
Description  Quad Gigabit Ethernet Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LU5X34F Datasheet(HTML) 13 Page - Agere Systems

Back Button LU5X34F Datasheet HTML 9Page - Agere Systems LU5X34F Datasheet HTML 10Page - Agere Systems LU5X34F Datasheet HTML 11Page - Agere Systems LU5X34F Datasheet HTML 12Page - Agere Systems LU5X34F Datasheet HTML 13Page - Agere Systems LU5X34F Datasheet HTML 14Page - Agere Systems LU5X34F Datasheet HTML 15Page - Agere Systems LU5X34F Datasheet HTML 16Page - Agere Systems LU5X34F Datasheet HTML 17Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
Lucent Technologies Inc.
Preliminary Data Sheet
LU5X34F
July 2000
Quad Gigabit Ethernet Transceiver
Input/Output Information (continued)
Table 3e. Pinout—Common I/O
* For related information, see Table 18, Test Modes.
Table 3f. Pinout—Power I/O
Name
Pin
I/O
Level
Description
OLREF
K16
Input/
Output
Analog
PECL Level Set Resistor Terminal 1.
OLRVS
K17
Input/
Output
Analog
PECL Level Set Resistor Terminal 2.
LPWR
J3
Input
TTL/
CMOS
Device Low-Power Mode.
RESETN
G2
Input
TTL/
CMOS
Device Reset (Active-Low).
TEST5*
J2
Input/
Output
TTL/
CMOS
Global Test Control Input/Output.
TEST4*
H1
Input
TTL/
CMOS
Local Test Control Input.
TEST3*
H2
Input
TTL/
CMOS
Local Test Control Input.
TEST2*
G1
Input
TTL/
CMOS
Local Test Control Input.
TEST1*
H3
Input
TTL/
CMOS
Local Test Control Input.
BYPPLL
J1
Input
TTL/
CMOS
Test Control, PLL Bypass Mode.
REFCLK,
REFCLKN
K1, K2
Input
PECL or
TTL/
CMOS
Reference Clock Input (100 MHz—125 MHz).
Used by the transmitter PLL to generate the
1.0 Gbits/s— 1.25 Gbits/s serial data; has a +100 ppm
tolerance requirement.
Name
Pin
Description
VDD
D5, D8, D10, B13, H4, K4, P8, P10
Device Digital Power.
VDDP
G17, H16
PLL Power.
VDDTX
D16, D17, F17, G16, L15, N16, N14, T17,
High-Speed Analog Transmitter Power.
VDDR
H14, K14
High-Speed Analog Receiver Power.
VSS
B2, C3, D4, D9, H8, H9, H10, J4, J8, J9, J10,
K8, K9, K10, P4, P9, P14, R3, R15, T2, T16
Device Digital Ground.
VSSPH15, H17
PLL Ground.
VSST
B16, C15, D14, J14
High-Speed Analog Transmitter Ground.
VSSRX
C16, C17, E16, F16, K15, L14, P17, R17
High-Speed Analog Receiver Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com