Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU5X34F Datasheet(PDF) 21 Page - Agere Systems

Part # LU5X34F
Description  Quad Gigabit Ethernet Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LU5X34F Datasheet(HTML) 21 Page - Agere Systems

Back Button LU5X34F Datasheet HTML 17Page - Agere Systems LU5X34F Datasheet HTML 18Page - Agere Systems LU5X34F Datasheet HTML 19Page - Agere Systems LU5X34F Datasheet HTML 20Page - Agere Systems LU5X34F Datasheet HTML 21Page - Agere Systems LU5X34F Datasheet HTML 22Page - Agere Systems LU5X34F Datasheet HTML 23Page - Agere Systems LU5X34F Datasheet HTML 24Page - Agere Systems LU5X34F Datasheet HTML 25Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21
Lucent Technologies Inc.
Preliminary Data Sheet
LU5X34F
July 2000
Quad Gigabit Ethernet Transceiver
Application Section (continued)
* External resistor connected between OLREF and OLRVS
. See Table 17 for resistor value vs. termination impedance and output swing.
† Damping resistor, maximum = 10
Ω.
Figure 10. Typical Termination for a Single-Channel, High-Speed Serial
Transmit Port Interfacing a 5 V GBIC Transceiver
Table 17. External Resistor Value vs. Differential Output Level Viewing
Resistor Value (
Ω)
Termination Impedance (
Ω)
Differential Output Voltage (V)
7.5 k/11.25 k
50/75
0.8
5 k/7.5 k
1.2
4 k/6 k
1.6
5-8811(F)b
TX(+)
TX(–)
HDOUTP
HDOUTN
0.01
µF
10
Ω†
50
Ω
50
Ω
191
Ω
0.01
µF
TRANSMIT
LU5X34F
TRANSMIT
GBIC
OLREF
OLRVS
TXA[9:0]
REFCLK
10
Ω†
0.1
µF
*
ZO = 50
Ω
68
Ω
191
Ω
ZO = 50
Ω
68
Ω
5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com