Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH4R06DEE Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH4R06DEE
Description  Turbo 2 ultrafast recovery diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH4R06DEE Datasheet(HTML) 1 Page - STMicroelectronics

  STTH4R06DEE Datasheet HTML 1Page - STMicroelectronics STTH4R06DEE Datasheet HTML 2Page - STMicroelectronics STTH4R06DEE Datasheet HTML 3Page - STMicroelectronics STTH4R06DEE Datasheet HTML 4Page - STMicroelectronics STTH4R06DEE Datasheet HTML 5Page - STMicroelectronics STTH4R06DEE Datasheet HTML 6Page - STMicroelectronics STTH4R06DEE Datasheet HTML 7Page - STMicroelectronics STTH4R06DEE Datasheet HTML 8Page - STMicroelectronics STTH4R06DEE Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
September 2012
Doc ID 023262 Rev 1
1/8
8
STTH4R06DEE
Turbo 2 ultrafast recovery diode
Datasheet
production data
Features
Very low switching losses
High frequency and high pulse current
operation
Low thermal resistance
High junction temperature
ECOPACK®2 compliant component
Description
The STTH4R06 series uses ST’s new 600 V
planar Pt doping technology. The STTH4R06 is
specially suited for switching mode base drive and
transistor circuits.
Packaged in PowerFLAT™, this device is
intended for use in low profile applications.
TM: PowerFLAT is a trademark of STMicroelectronics
Table 1.
Device summary
Symbol
Value
IF(AV)
4 A
VRRM
600 V
Tj (max)
150 °C
VF (typ)
1.0 V
TRR (typ)
30 ns
A
A
K
A
NC
A
NC
A
A
NC
A
A
A
K
K
PowerFLAT(3.3 x 3.3)
STTH4R06DEE-TR
www.st.com


Similar Part No. - STTH4R06DEE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH4R02 STMICROELECTRONICS-STTH4R02 Datasheet
143Kb / 13P
Ultrafast recovery diode
10-Oct-2006
STTH4R02-Y STMICROELECTRONICS-STTH4R02-Y Datasheet
109Kb / 9P
Automotive ultrafast recovery diode
03-Dec-2010
STTH4R02-Y STMICROELECTRONICS-STTH4R02-Y Datasheet
449Kb / 14P
Automotive ultrafast recovery diode
14-Apr-2016
STTH4R02-Y STMICROELECTRONICS-STTH4R02-Y_V01 Datasheet
449Kb / 14P
Automotive ultrafast recovery diode
14-Apr-2016
STTH4R02B STMICROELECTRONICS-STTH4R02B Datasheet
143Kb / 13P
Ultrafast recovery diode
10-Oct-2006
More results

Similar Description - STTH4R06DEE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
10-Sep-2004
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
Turbo 2 ultrafast high voltage rectifier
15-Dec-2006
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
STTH2006 STMICROELECTRONICS-STTH2006 Datasheet
96Kb / 7P
Turbo 2 ultrafast high voltage rectifierV
13-Jul-2006
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
Turbo 2 ultrafast high voltage rectifier
16-Apr-2008
STTH5L04DEE STMICROELECTRONICS-STTH5L04DEE Datasheet
88Kb / 9P
Turbo 2 ultrafast recovery diode
11-Sep-2012
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
Turbo 2 ultrafast high voltage rectifier
05-Oct-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com