Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH4R06DEE Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH4R06DEE
Description  Turbo 2 ultrafast recovery diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH4R06DEE Datasheet(HTML) 4 Page - STMicroelectronics

  STTH4R06DEE Datasheet HTML 1Page - STMicroelectronics STTH4R06DEE Datasheet HTML 2Page - STMicroelectronics STTH4R06DEE Datasheet HTML 3Page - STMicroelectronics STTH4R06DEE Datasheet HTML 4Page - STMicroelectronics STTH4R06DEE Datasheet HTML 5Page - STMicroelectronics STTH4R06DEE Datasheet HTML 6Page - STMicroelectronics STTH4R06DEE Datasheet HTML 7Page - STMicroelectronics STTH4R06DEE Datasheet HTML 8Page - STMicroelectronics STTH4R06DEE Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STTH4R06DEE
4/8
Doc ID 023262 Rev 1
Figure 7.
Reverse recovery softness factor
versus dlF/dt (typical values)
Figure 8.
Relative variation of dynamic
parameters versus junction
temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
50
100
150
200
250
300
350
400
450
500
S
FACTOR
IF=IF(AV)
VR=400 V
Tj=125 °C
dIF/dt(A/µs)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
25
50
75
100
125
IF=IF(AV)
VR=400 V
Reference: Tj=125 °C
IRM
SFACTOR
QRR
Tj(°C)
Figure 9.
Transient peak forward voltage
versus dlF/dt (typical values)
Figure 10.
Forward recovery time versus dlF/dt
(typical values)
0
2
4
6
8
10
12
0
50
100
150
200
250
300
350
400
450
500
V
FP(V)
IF=IF(AV)
Tj=125 °C
dIF/dt(A/µs)
t
f (ns)
r
0
10
20
30
40
50
60
70
80
90
100
110
0
50
100
150
200
250
300
350
400
450
500
IF=IF(AV)
VFR=2V
Tj=125 °C
dIF/dt(A/µs)
Figure 11.
Junction capacitance versus
reverse voltage applied (typical
values)
Figure 12.
Thermal resistance junction to
ambient versus copper surface
under tab
C(pF)
1
10
100
1
10
100
1000
F=1 MHz
VOSC=30 mVRMS
Tj=25 °C
VR(V)
Rth(j-a)(°C/W)
0
50
100
150
200
250
01
2345
678
9
10
PowerFLAT (3.3x3.3)
SCu(cm²)
epoxy printed board FR4, copper thickness=35µm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com