Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH4R06DEE Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH4R06DEE
Description  Turbo 2 ultrafast recovery diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH4R06DEE Datasheet(HTML) 3 Page - STMicroelectronics

  STTH4R06DEE Datasheet HTML 1Page - STMicroelectronics STTH4R06DEE Datasheet HTML 2Page - STMicroelectronics STTH4R06DEE Datasheet HTML 3Page - STMicroelectronics STTH4R06DEE Datasheet HTML 4Page - STMicroelectronics STTH4R06DEE Datasheet HTML 5Page - STMicroelectronics STTH4R06DEE Datasheet HTML 6Page - STMicroelectronics STTH4R06DEE Datasheet HTML 7Page - STMicroelectronics STTH4R06DEE Datasheet HTML 8Page - STMicroelectronics STTH4R06DEE Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STTH4R06DEE
Characteristics
Doc ID 023262 Rev 1
3/8
Figure 1.
Average forward power dissipation
versus average forward current
Figure 2.
Forward voltage drop versus
forward current
PF(AV)(W)
0
1
2
3
4
5
6
7
8
01
234
56
IF(AV)(A)
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
T
δ =tp/T
tp
IFM(A)
0.1
1.0
10.0
100.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Tj=150 °C
(Maximum values)
Tj=150 °C
(Typical values)
Tj=25 °C
(Maximum values)
VFM(V)
Figure 3.
Relative variation of thermal
impedance junction to case versus
pulse duration
Figure 4.
Peak reverse recovery current
versus dlF/dt (typical values)
Zth(j-c)/Rth(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
tp(s)
0
2
4
6
8
10
12
0
50
100
150
200
250
300
350
400
450
500
IRM(A)
IF=IF(AV)
VR=400 V
Tj=125 °C
dIF/dt(A/µs)
Figure 5.
Reverse recovery time versus dlF/dt
(typical values)
Figure 6.
Reverse recovery charges versus
dlF/dt (typical values)
0
40
80
120
160
200
240
0
50
100
150
200
250
300
350
400
450
500
t
R (ns)
dIF/dt(A/µs)
IF=IF(AV)
VR=400 V
Tj=125 °C
R
0
40
80
120
160
200
240
280
320
0
50
100
150
200
250
300
350
400
450
500
Q
RR(nC)
IF=IF(AV)
VR=400 V
Tj=125 °C
dIF/dt(A/µs)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com