Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9119-EBZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD9119-EBZ
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9119-EBZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD9119-EBZ Datasheet HTML 54Page - Analog Devices AD9119-EBZ Datasheet HTML 55Page - Analog Devices AD9119-EBZ Datasheet HTML 56Page - Analog Devices AD9119-EBZ Datasheet HTML 57Page - Analog Devices AD9119-EBZ Datasheet HTML 58Page - Analog Devices AD9119-EBZ Datasheet HTML 59Page - Analog Devices AD9119-EBZ Datasheet HTML 60Page - Analog Devices AD9119-EBZ Datasheet HTML 61Page - Analog Devices AD9119-EBZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 68 page
background image
AD9119/AD9129
Data Sheet
Rev. 0 | Page 58 of 68
Interrupt Status Register1
Address: 0x06, Reset: 0x00, Name: IRQ Request 1
Table 23. Bit Descriptions for IRQ Request 1
Bits
Bit Name
Description
Reset
Access
7
Reserved
Reserved
0
R/W
6
AED pass interrupt status
Indicates that the AED logic has captured eight valid samples
0
R/W
5
AED fail interrupt status
Indicates that the AED logic has detected a miscompare
0
R/W
4
SED fail interrupt status
Indicates that the SED logic has detected a miscompare
0
R/W
3
Parity error falling edge status
Indicates a parity fault due to data captured on the falling edge
0
R/W
2
Parity error rising edge status
Indicates a parity fault due to data captured on the rising edge
0
R/W
1
Reserved
Reserved
0
R/W
0
Reserved
Reserved
0
R/W
Frame Pin Usage Register
Address: 0x07, Reset: 0x00, Name: Frame Pin Usage
Table 24. Bit Descriptions for Frame Pin Usage
Bits
Bit Name
Description
Reset
Access
7
Reserved
Reserved
0
R/W
6
Reserved
Reserved
0
R/W
5
ParUsage
1: FRM_x pin is in parity mode, and parity is enabled
Note that parity must be enabled, and the type must be chosen in Register 0x5C[7:6]
0
R
4
FrmUsage
1: FRM_x pin is in frame mode and enable pin framing (Register 0x11[5] = 1b) is
enabled
0
R
3
Reserved
Reserved
0
R
2
Reserved
Reserved
0
R
[1:0]
FRM_x pin usage mode
3: reserved
2: frame
1: parity
0: no effect
0x0
R/W
Reserved_0 Register
Address: 0x08, Reset: 0x58, Name: Reserved_0
Table 25. Bit Descriptions for Reserved_0
Bits
Bit Name
Description
Reset
Access
[7:0]
Reserved
Must keep default (reset) value; reserved
0x58
R
Data Receiver Control 0 Register
Address: 0x0A, Reset: 0x40, Name: Data Ctrl 0
Table 26. Bit Descriptions for Data Ctrl 0
Bits
Bit Name
Description
Reset
Access
7
DLL enable
1: enables DLL
0: disables DLL
0
R/W
6
Duty cycle correction enable
1: enables duty cycle correction
0: disables duty cycle correction
1
R/W
5
Reserved
Reserved
0
R/W
4
Reserved
Reserved
0
R/W
[3:0]
Phase offset
Locked phase = 90° ± n × 11.25°, where n is the 4-bit signed magnitude number
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com