Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9119-EBZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9119-EBZ
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9119-EBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9119-EBZ Datasheet HTML 9Page - Analog Devices AD9119-EBZ Datasheet HTML 10Page - Analog Devices AD9119-EBZ Datasheet HTML 11Page - Analog Devices AD9119-EBZ Datasheet HTML 12Page - Analog Devices AD9119-EBZ Datasheet HTML 13Page - Analog Devices AD9119-EBZ Datasheet HTML 14Page - Analog Devices AD9119-EBZ Datasheet HTML 15Page - Analog Devices AD9119-EBZ Datasheet HTML 16Page - Analog Devices AD9119-EBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
Data Sheet
AD9119/AD9129
Rev. 0 | Page 13 of 68
AC (Normal Mode)
IOUTFS = 28 mA, fDAC = 2.6 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
–95
START 20MHz
RES BW 20kHz
VBW 20kHz
SWEEP 7.78s (1001 pts)
REF 5dBm
STOP 2.6GHz
–85
–75
–65
–55
–45
–35
–25
–5
–15
5
Figure 10. Single-Tone Spectrum at fOUT = 70 MHz
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
0
200
400
600
800
1000
1200
1400
fOUT (MHz)
1400MSPS
1600MSPS
2200MSPS
2600MSPS
2800MSPS
Figure 11. SFDR vs. fOUT over fDAC
–145
–150
–155
–160
–165
–170
0
200
400
600
800
1000
1200
1400
fOUT (MHz)
1600MSPS
2200MSPS
2800MSPS
Figure 12. Single-Tone NSD vs. fOUT
–95
START 20MHz
RES BW 20kHz
VBW 20kHz
SWEEP 7.78s (1001 pts)
REF 5dBm
STOP 2.6GHz
–85
–75
–65
–55
–45
–35
–25
–5
–15
5
Figure 13. Single-Tone Spectrum at fOUT = 1000 MHz
–55
–60
–65
–70
–75
–80
–85
–90
0
200
400
600
800
1000
1200
1400
fOUT (MHz)
1600MSPS
2200MSPS
2600MSPS
2800MSPS
Figure 14. IMD vs. fOUT over fDAC
–150
–155
–160
–165
–170
0
200
400
600
800
1000
1200
fOUT (MHz)
1600MSPS
2200MSPS
2800MSPS
Figure 15. W-CDMA NSD vs. fOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com