Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuM5210ARSZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADuM5210ARSZ
Description  Dual-Channel Isolators with Integrated DC-to-DC Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM5210ARSZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADuM5210ARSZ Datasheet HTML 9Page - Analog Devices ADuM5210ARSZ Datasheet HTML 10Page - Analog Devices ADuM5210ARSZ Datasheet HTML 11Page - Analog Devices ADuM5210ARSZ Datasheet HTML 12Page - Analog Devices ADuM5210ARSZ Datasheet HTML 13Page - Analog Devices ADuM5210ARSZ Datasheet HTML 14Page - Analog Devices ADuM5210ARSZ Datasheet HTML 15Page - Analog Devices ADuM5210ARSZ Datasheet HTML 16Page - Analog Devices ADuM5210ARSZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADuM5210/ADuM5211/ADuM5212
Rev. 0 | Page 13 of 24
1
2
3
4
20
19
18
17
5
16
6
15
7
14
8
9
10
13
12
11
ADuM5211
TOP VIEW
(Not to Scale)
GNDP
VIB
VOA
VDD1
GNDP
GNDP
NC
PDIS
VDDP
GNDP
VDD2
GNDISO
GNDISO
GNDISO
GNDISO
VIA
VOB
NC
VSEL
VISO
NOTES
1. PINS LABELED NC CAN BE ALLOWED
TO FLOAT, BUT IT IS BETTER TO
CONNECT THESE PINS TO GROUND.
AVOID ROUTING HIGH SPEED SIGNALS
THROUGH THESE PINS BECAUSE
NOISE COUPLING MAY RESULT.
Figure 4. ADuM5211 Pin Configuration
Table 22. ADuM5211 Pin Function Descriptions
Pin No.
Mnemonic Description
1
VDD1
Power Supply for the Side 1 Logic Circuits of the Device. It is independent of VDDP and can operate between 3.0 V
and 5.5 V.
2, 5, 6, 10
GNDP
Ground Reference for Isolator Side 1. All of these pins are internally connected, and it is recommended that all GNDP
pins be connected to a common ground.
3
VOA
Logic Output A.
4
VIB
Logic Input B.
7, 14
NC
This pin is not connected internally (see Figure 4).
8
PDIS
Power Disable. When this pin is tied to a logic low, the power converter is active; when tied to a logic high, the
power supply enters a low power standby mode.
9
VDDP
Primary isoPower Supply Voltage, 3.0 V to 5.5 V.
11, 15, 16,19 GNDISO
Ground Reference for Isolator Side 2. All of these pins are internally connected, and it is recommended that all GNDISO
pins be connected to a common ground.
12
VISO
Secondary Supply Voltage Output for External Loads, 3.3 V (VSEL Low) or 5.0 V (VSEL High).
13
VSEL
Output Voltage Select. Provide a thermally matched resistor network between VISO and GNDISO to divide the
required output voltage to match the 1.25 V reference voltage. VISO voltage can be programmed up to 20%
higher or 75% lower than VDDP but must be within the allowed output voltage range.
17
VOB
Logic Output B.
18
VIA
Logic Input A.
20
VDD2
Power Supply for the Side 2 Logic Circuits of the Device. It is independent of VISO and can operate between 3.0 V
and 5.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com