Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuM5210ARSZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADuM5210ARSZ
Description  Dual-Channel Isolators with Integrated DC-to-DC Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM5210ARSZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADuM5210ARSZ Datasheet HTML 16Page - Analog Devices ADuM5210ARSZ Datasheet HTML 17Page - Analog Devices ADuM5210ARSZ Datasheet HTML 18Page - Analog Devices ADuM5210ARSZ Datasheet HTML 19Page - Analog Devices ADuM5210ARSZ Datasheet HTML 20Page - Analog Devices ADuM5210ARSZ Datasheet HTML 21Page - Analog Devices ADuM5210ARSZ Datasheet HTML 22Page - Analog Devices ADuM5210ARSZ Datasheet HTML 23Page - Analog Devices ADuM5210ARSZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADuM5210/ADuM5211/ADuM5212
Rev. 0 | Page 21 of 24
The preceding magnetic flux density values correspond to specific
current magnitudes at given distances from the ADuM5210/
ADuM5211/ADuM5212 transformers. Figure 29 expresses these
allowable current magnitudes as a function of frequency for
selected distances. As shown in Figure 29, the ADuM5210/
ADuM5211/ADuM5212 are extremely immune and can be
affected only by extremely large currents operated at high
frequency very close to the component. For the 1 MHz example,
a 0.5 kA current, placed 5 mm away from the ADuM5210/
ADuM5211/ADuM5212, is required to affect component
operation.
MAGNETIC FIELD FREQUENCY (Hz)
1k
100
10
1
0.1
0.01
1k
10k
100M
100k
1M
10M
DISTANCE = 5mm
DISTANCE = 1m
DISTANCE = 100mm
Figure 29. Maximum Allowable Current for Various Current-to-ADuM521x
Spacings
Note that, in combinations of strong magnetic field and high
frequency, any loops formed by PCB traces can induce error
voltages sufficiently large to trigger the thresholds of succeeding
circuitry. Exercise care in the layout of such traces to avoid this
possibility.
POWER CONSUMPTION
The VDDP power supply input provides power only to the converter.
Power for the data channels is provided through VDD1 and VDD2.
These power supplies can be connected to VDDP and VISO, if desired,
or the supplies can receive power from an independent source. The
converter should be treated as a standalone supply to be utilized at
the discretion of the designer.
The VDD1 or VDD2 supply current at a given channel of the
ADuM5210/ADuM5211/ADuM5212 isolator is a function of
the supply voltage, the data rate of the channel, and the output
load of the channel.
For each input channel, the supply current is given by
IDDI = IDDI(Q)
f ≤ 0.5 fr
IDDI = IDDI(D) × (2f − fr) + IDDI(Q)
f > 0.5 fr
For each output channel, the supply current is given by
IDDO = IDDO(Q)
f ≤ 0.5 fr
IDDO = (IDDO(D) + (0.5 × 10−3) × CL × VDDO) × (2f − fr) + IDDOQ)
f > 0.5 fr
where:
IDDI(D), IDDO(D) are the input and output dynamic supply currents
per channel (mA/Mbps).
IDDI(Q), IDDO(Q) are the specified input and output quiescent
supply currents (mA).
f is the input logic signal frequency (MHz); it is half the input
data rate, expressed in units of Mbps.
fr is the input stage refresh rate (Mbps).
CL is the output load capacitance (pF).
VDDO is the output supply voltage (V).
To calculate the total VDD1 and VDD2 supply current, the supply
currents for each input and output channel corresponding to
VDD1 and VDD2 are calculated and totaled. Figure 18 and
Figure 19 show per-channel supply currents as a function of
data rate for an unloaded output condition. Figure 20 shows the
per-channel supply current as a function of data rate for a 15 pF
output condition. Figure 21 through Figure 23 show the total
VDD1 and VDD2 supply current as a function of data rate for
ADuM5210/ ADuM5211/ADuM5212 channel configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com