Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuM5210ARSZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADuM5210ARSZ
Description  Dual-Channel Isolators with Integrated DC-to-DC Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM5210ARSZ Datasheet(HTML) 2 Page - Analog Devices

  ADuM5210ARSZ Datasheet HTML 1Page - Analog Devices ADuM5210ARSZ Datasheet HTML 2Page - Analog Devices ADuM5210ARSZ Datasheet HTML 3Page - Analog Devices ADuM5210ARSZ Datasheet HTML 4Page - Analog Devices ADuM5210ARSZ Datasheet HTML 5Page - Analog Devices ADuM5210ARSZ Datasheet HTML 6Page - Analog Devices ADuM5210ARSZ Datasheet HTML 7Page - Analog Devices ADuM5210ARSZ Datasheet HTML 8Page - Analog Devices ADuM5210ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADuM5210/ADuM5211/ADuM5212
Data Sheet
Rev. 0 | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics—5 V Primary Input Supply/
5 V Secondary Isolated Supply ................................................... 3
Electrical Characteristics—3.3 V Primary Input Supply/
3.3 V Secondary Isolated Supply ................................................ 5
Electrical Characteristics—5 V Primary Input Supply/
3.3 V Secondary Isolated Supply ................................................ 7
Package Characteristics ............................................................... 9
Regulatory Approvals................................................................... 9
Insulation and Safety-Related Specifications............................ 9
DIN V VDE V 0884-10 (VDE V 0884-10) Insulation
Characteristics ............................................................................ 10
Recommended Operating Conditions .................................... 10
Absolute Maximum Ratings ......................................................... 11
ESD Caution................................................................................ 11
Pin Configurations and Function Descriptions......................... 12
Truth Table .................................................................................. 15
Typical Performance Characteristics ........................................... 16
Applications Information .............................................................. 19
PCB Layout ................................................................................. 19
Thermal Analysis ....................................................................... 20
Propagation Delay Parameters ................................................. 20
EMI Considerations................................................................... 20
DC Correctness and Magnetic Field Immunity........................... 20
Power Consumption .................................................................. 21
Insulation Lifetime..................................................................... 22
Outline Dimensions....................................................................... 23
Ordering Guide .......................................................................... 23
REVISION HISTORY
1/13—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com