Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7610BBCZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADV7610BBCZ
Description  Low Power, 165 MHz HDMI Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7610BBCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV7610BBCZ Datasheet HTML 3Page - Analog Devices ADV7610BBCZ Datasheet HTML 4Page - Analog Devices ADV7610BBCZ Datasheet HTML 5Page - Analog Devices ADV7610BBCZ Datasheet HTML 6Page - Analog Devices ADV7610BBCZ Datasheet HTML 7Page - Analog Devices ADV7610BBCZ Datasheet HTML 8Page - Analog Devices ADV7610BBCZ Datasheet HTML 9Page - Analog Devices ADV7610BBCZ Datasheet HTML 10Page - Analog Devices ADV7610BBCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADV7610
Rev. 0 | Page 7 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
DVDD to GND
2.2 V
PVDD to GND
2.2 V
DVDDIO to GND
4.0 V
CVDD to GND
2.2 V
TVDD to GND
4.0 V
Digital Inputs Voltage to GND
GND − 0.3 V to DVDDIO + 0.3 V
5 V Tolerant Digital Inputs to
GND1
5.3 V
Digital Outputs Voltage to GND
GND − 0.3 V to DVDDIO + 0.3 V
XTALP, XTALN
GND − 0.3 V to PVDD + 0.3 V
SCL/SDA Data Pins to DVDDIO
DVDDIO − 0.3 V to
DVDDIO + 3.6 V
Maximum Junction Temperature
(TJ MAX)
125°C
Storage Temperature Range
−60°C to +150°C
Infrared Reflow Soldering (20 sec)
260°C
1
The following inputs are 3.3 V inputs but are 5 V tolerant: DDCA_SCL, DDCA_SDA,
and RXA_5V.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
PACKAGE THERMAL PERFORMANCE
To reduce power consumption when using the ADV7610, turn
off the unused sections of the part.
Due to the PCB metal variation and, therefore, variation in PCB
heat conductivity, the value of θJA may differ for various PCBs.
The most efficient measurement solution is obtained using the
package surface temperature to estimate the die temperature
because this eliminates the variance associated with the θJA value.
Do not exceed the maximum junction temperature (TJ MAX) of
125°C. The following equation calculates the junction temperature
using the measured package surface temperature, and it applies
only when a heat sink is not used on the device under test (DUT):
TJ = TS + (ΨJT × WTOTAL)
where:
TS is the package surface temperature (°C).
ΨJT = 0.4°C/W for the 76-ball CSP_BGA.
WTOTAL = ((PVDD × IPVDD) + (0.05 × TVDD × ITVDD) +
(CVDD × ICVDD) + (DVDD × IDVDD) + (DVDDIO × IDVDDIO))
where 0.05 is 5% of the TVDD power that is dissipated on the
device itself.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com