Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7610BBCZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADV7610BBCZ
Description  Low Power, 165 MHz HDMI Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7610BBCZ Datasheet(HTML) 3 Page - Analog Devices

  ADV7610BBCZ Datasheet HTML 1Page - Analog Devices ADV7610BBCZ Datasheet HTML 2Page - Analog Devices ADV7610BBCZ Datasheet HTML 3Page - Analog Devices ADV7610BBCZ Datasheet HTML 4Page - Analog Devices ADV7610BBCZ Datasheet HTML 5Page - Analog Devices ADV7610BBCZ Datasheet HTML 6Page - Analog Devices ADV7610BBCZ Datasheet HTML 7Page - Analog Devices ADV7610BBCZ Datasheet HTML 8Page - Analog Devices ADV7610BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADV7610
Rev. 0 | Page 3 of 16
GENERAL DESCRIPTION
The ADV7610 is offered in professional (no HDCP) and industrial
versions. The operating temperature range is −40°C to +85°C.
The ADV7610 is a high quality, single input HDMI-capable
receiver. It incorporates an HDMI-capable receiver that supports
all mandatory 3D TV defined in HDMI specification. The
ADV7610 supports formats up to UXGA 60 Hz at eight bits.
It integrates a CEC controller that supports the capability
discovery and control (CDC) feature.
The ADV7610 has a 4-channel stereo audio output port for the
audio data extracted from the HDMI stream. The HDMI receiver
has an advanced mute controller that prevents audible extraneous
noise in the audio output.
The following audio formats are accessible:
•
Four streams from the I2S serializer (eight channels)
•
A stream from the S/PDIF serializer (two uncompressed
channels or N compressed channels, for example, AC3)
•
A DST stream
The HDMI port has dedicated 5 V detect and Hot Plug assert pins.
The HDMI receiver also includes an integrated equalizer that
ensures the robust operation of the interface with long cables.
The ADV7610 contains one main component processor (CP)
that processes the video signals from the HDMI receiver. It
provides features such as contrast, brightness, saturation
adjustments, STDI detection block, free run, and synchronization
alignment controls.
Fabricated in an advanced CMOS process, the ADV7610 is provided
in a 6 mm × 6 mm, 76-ball CSP_BGA, RoHS-compliant package
and is specified over the −40°C to +85°C temperature range.
DETAILED FUNCTIONAL BLOCK DIAGRAM
CONTROL
INTERFACE
I2C
CONTROL
AND DATA
PLL
EDID
REPEATER
CONTROLLER
HDCP
ENGINE
PACKET/
INFOFRAME
MEMORY
12
12
12
BACKEND
COLORSPACE
CONVERSION
COMPONENT
PROCESSOR
5V DETECT
AND HPD
CONTROLLER
AUDIO
PROCESSOR
DATA
PREPROCESOR
AND COLOR-
SPACE
CONVERSION
HDMI
PROCESSOR
PACKET
PROCESSOR
A
B
C
MUTE
INTERRUPT
CONTROLLER
(INT1, INT2)
P0 TO P7
*INT2 CAN BE OUTPUT ON ONE OF THE FOLLOWING PINS ONLY: SCLK/INT2, MCLK/INT2, OR HPA_A/INT2.
XTALP
XTALN
SCL
SDA
CEC
RXA_5V
HPA_A/INT2*
DDCA_SDA
DDCA_SCL
RXA_C±
RXA_0±
RXA_1±
RXA_2±
P8 TO P15
P16 TO P23
LLC
HS
VS/FIELD/ALSB
DE
INT1
INT2*
LRCLK
SCLK/INT2*
MCLK/INT2*
4
I2S0 TO I2S3
HDCP
EEPROM
SAMPLER
EQUALIZER
DPLL
CEC
CONTROLLER
ADV7610
Figure 2. Detailed Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com