Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7610BBCZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7610BBCZ
Description  Low Power, 165 MHz HDMI Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7610BBCZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7610BBCZ Datasheet HTML 8Page - Analog Devices ADV7610BBCZ Datasheet HTML 9Page - Analog Devices ADV7610BBCZ Datasheet HTML 10Page - Analog Devices ADV7610BBCZ Datasheet HTML 11Page - Analog Devices ADV7610BBCZ Datasheet HTML 12Page - Analog Devices ADV7610BBCZ Datasheet HTML 13Page - Analog Devices ADV7610BBCZ Datasheet HTML 14Page - Analog Devices ADV7610BBCZ Datasheet HTML 15Page - Analog Devices ADV7610BBCZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADV7610
Rev. 0 | Page 13 of 16
Table 6. DDR 4:2:2 and 4:4:4 Output Modes
DDR 4:2:2 Mode (Clock/2)
DDR 4:2:2 Mode (Clock/2)
DDR 4:4:4 Mode (Clock/2)1, 2
OP_FORMAT_SEL[7:0]
0x20
0x2A
0x60
8-Bit DDR ITU-656
(Clock/2 Output) 4:2:2 Mode 0
12-Bit DDR ITU-656
(Clock/2 Output) 4:2:2 Mode 2
24-Bit DDR RGB
(Clock/2 Output)
Pixel Output
Clock Rise
Clock Fall
Clock Rise
Clock Fall
Clock Rise
Clock Fall
P23
High-Z
High-Z
Cb3, Cr3
Y3
R7-0
R7-1
P22
High-Z
High-Z
Cb2, Cr2
Y2
R6-0
R6-1
P21
High-Z
High-Z
Cb1, Cr1
Y1
R5-0
R5-1
P20
High-Z
High-Z
Cb0, Cr0
Y0
R4-0
R4-1
P19
High-Z
High-Z
High-Z
High-Z
R3-0
R3-1
P18
High-Z
High-Z
High-Z
High-Z
R2-0
R2-1
P17
High-Z
High-Z
High-Z
High-Z
R1-0
R1-1
P16
High-Z
High-Z
High-Z
High-Z
R0-0
R0-1
P15
Cb7, Cr7
Y7
Cb11, Cr11
Y11
G7-0
G7-1
P14
Cb6, Cr6
Y6
Cb12, Cr12
Y12
G6-0
G6-1
P13
Cb5, Cr5
Y5
Cb9, Cr9
Y9
G5-0
G5-1
P12
Cb4, Cr4
Y4
Cb8, Cr8
Y8
G4-0
G4-1
P11
Cb3, Cr3
Y3
Cb7, Cr7
Y7
G3-0
G3-1
P10
Cb2, Cr2
Y2
Cb6, Cr6
Y6
G2-0
G2-1
P9
Cb1, Cr1
Y1
Cb5, Cr5
Y5
G1-0
G1-1
P8
Cb0, Cr0
Y0
Cb4, Cr4
Y4
G0-0
G0-1
P7
High-Z
High-Z
High-Z
High-Z
B7-0
B7-1
P6
High-Z
High-Z
High-Z
High-Z
B6-0
B6-1
P5
High-Z
High-Z
High-Z
High-Z
B5-0
B5-1
P4
High-Z
High-Z
High-Z
High-Z
B4-0
B4-1
P3
High-Z
High-Z
High-Z
High-Z
B3-0
B3-1
P2
High-Z
High-Z
High-Z
High-Z
B2-0
B2-1
P1
High-Z
High-Z
High-Z
High-Z
B1-0
B1-1
P0
High-Z
High-Z
High-Z
High-Z
B0-0
B0-1
1
-0 = even samples.
2
-1 = odd samples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com