Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VWRAT2 Datasheet(PDF) 2 Page - CUI INC

Part # VWRAT2
Description  DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VWRAT2 Datasheet(HTML) 2 Page - CUI INC

  VWRAT2 Datasheet HTML 1Page - CUI INC VWRAT2 Datasheet HTML 2Page - CUI INC VWRAT2 Datasheet HTML 3Page - CUI INC VWRAT2 Datasheet HTML 4Page - CUI INC VWRAT2 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date
11/01/2012 │ page 2 of 5
CUI Inc
│ SERIES: VWRAT2 │ DESCRIPTION: DC-DC CONVERTER
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
12 V model
24 V model
9
18
12
24
18
36
Vdc
Vdc
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
measured from low line to high line
±0.2
±0.5
%
load regulation
measured from 10% to 100% full load
±0.5
±1
%
voltage accuracy
positive
negative
refer to recommended circuit
±1
±3
±3
±5
%
%
ripple & noise
35
150
mVp-p
switching frequency
100% load, nominal input voltage
300
kHz
temperature coefficient
±0.03
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous, automatic recovery
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
tested for 1 minute, at 1 mA max.
1,500
Vdc
insulation resistance
at 500 Vdc
1,000
MΩ
isolation capacitance
input to output
85
pF
RoHS compliant
yes
MTBF
1,000,000
hours
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-40
85
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
95
%
temperature rise
at full load
15
°C
lead temperature
for 10 seconds
300
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com