Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VWRAT2 Datasheet(PDF) 1 Page - CUI INC

Part # VWRAT2
Description  DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VWRAT2 Datasheet(HTML) 1 Page - CUI INC

  VWRAT2 Datasheet HTML 1Page - CUI INC VWRAT2 Datasheet HTML 2Page - CUI INC VWRAT2 Datasheet HTML 3Page - CUI INC VWRAT2 Datasheet HTML 4Page - CUI INC VWRAT2 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date
11/01/2012
page
1 of 5
SERIES:
VWRAT2 │ DESCRIPTION: DC-DC CONVERTER
date
11/01/2012
page
1 of 5
FEATURES
• 2 W isolated output
• wide input (2:1)
• industry standard 16 pin SMT package style
• dual regulated outputs
• 1,500 V isolation
• short circuit protection
• wide temperature (-40~85°C)
• efficiency up to 78%
RoHS
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
typ
(mVp-p)
typ
(%)
VWRAT2-D12-D5-SMT
12
9~18
±5
±20
±200
2
35
74
VWRAT2-D12-D9-SMT
12
9~18
±9
±11
±111
2
35
78
VWRAT2-D12-D12-SMT
12
9~18
±12
±8
±83
2
35
78
VWRAT2-D12-D15-SMT
12
9~18
±15
±7
±67
2
35
78
VWRAT2-D24-D5-SMT
24
18~36
±5
±20
±200
2
35
74
VWRAT2-D24-D9-SMT
24
18~36
±9
±11
±111
2
35
79
VWRAT2-D24-D12-SMT
24
18~36
±12
±8
±83
2
35
78
VWRAT2-D24-D15-SMT
24
18~36
±15
±7
±67
2
35
78
Notes:
1. ripple and noise are measured at 20 MHz BW
PART NUMBER KEY
VWRAT2 - DXX - DXX -SMT - X
Input Voltage
Output Voltage
Base Number
Packaging Style
Package Options
"blank" = standard
TR = Tape & Reel


Similar Part No. - VWRAT2

ManufacturerPart #DatasheetDescription
logo
CUI INC
VWRAT2-D12-D12-SMT CUI-VWRAT2-D12-D12-SMT Datasheet
250Kb / 3P
dc-dc converter
VWRAT2-D12-D15-SMT CUI-VWRAT2-D12-D15-SMT Datasheet
250Kb / 3P
dc-dc converter
VWRAT2-D12-D5-SMT CUI-VWRAT2-D12-D5-SMT Datasheet
250Kb / 3P
dc-dc converter
VWRAT2-D12-D9-SMT CUI-VWRAT2-D12-D9-SMT Datasheet
250Kb / 3P
dc-dc converter
VWRAT2-D24-D12-SMT CUI-VWRAT2-D24-D12-SMT Datasheet
250Kb / 3P
dc-dc converter
More results

Similar Description - VWRAT2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com