Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VWRAT2 Datasheet(PDF) 3 Page - CUI INC

Part # VWRAT2
Description  DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VWRAT2 Datasheet(HTML) 3 Page - CUI INC

  VWRAT2 Datasheet HTML 1Page - CUI INC VWRAT2 Datasheet HTML 2Page - CUI INC VWRAT2 Datasheet HTML 3Page - CUI INC VWRAT2 Datasheet HTML 4Page - CUI INC VWRAT2 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date
11/01/2012 │ page 3 of 5
CUI Inc
│ SERIES: VWRAT2 │ DESCRIPTION: DC-DC CONVERTER
3.04[0.120]
23.86[0.939]
15.24[0.600]
2.54[0.100]
0.50[0.020]
1.02[0.040]
0.25[0.010]
1.40
±0.20
[0.055
±0.008]
2.54[0.100]
1.00[0.039]
16
10 9
17
8
16
10 9
17
8
(Top View)
(Side View)
18.10[0.713]
MECHANICAL DRAWING
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
0.939 x 0.713 x 0.315 (23.86 x 18.10 x 8.10 mm)
inch
case material
UL94-V0 epoxy resin
weight
5.2
g
100
80
60
40
20
Ambient Temperature (°C)
-40
-20
0
20
40
60 71
85
100
120
DERATING CURVES
PIN CONNECTIONS
PIN
FUNCTION
1
GND
7NC
80 V
9+Vo
10
-Vo
16
+Vin
units: mm [inches]
tolerance: ±0.25 [±0.010]
pin section tolerance: ±0.10 mm [±0.004]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com