Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2F Datasheet(PDF) 2 Page - AVX Corporation

Part # W2F
Description  Feedthru 0805/1206 Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

W2F Datasheet(HTML) 2 Page - AVX Corporation

  W2F Datasheet HTML 1Page - AVX Corporation W2F Datasheet HTML 2Page - AVX Corporation W2F Datasheet HTML 3Page - AVX Corporation W2F Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Feedthru 0805/1206 Capacitors
W2F/W3F Series
T
P
L
C
P
S
W
BW
T
S
X
L
C
L
EW
W
BL
Feedthru Pad
Feedthru Pad
Common Ground
Common Ground
DIMENSIONS
RECOMMENDED SOLDER PAD LAYOUT (TYPICAL DIMENSIONS)
LW
T
BWBL
EW
X
S
0805 MM
2.01 ± 0.20
1.25 ± 0.20
1.14 Max.
0.46 ± 0.10
0.18 + 0.25 -0.08
0.25 ± 0.13
1.02 ± 0.10
0.23 ± 0.15
(in.)
(0.079 ± 0.008)
(0.049 ± 0.008)
(0.045 Max.)
(0.018 ±0.004)
(0.007 + 0.010 -0.003)
(0.010 ± 0.005)
(0.040 ± 0.004)
(0.009 ± 0.006)
1206 MM
3.20 ± 0.20
1.60 ± 0.20
1.27 Max.
0.89 ± 0.10
0.18 + 0.25 -0.08
0.38 ± 0.18
1.60 ± 0.10
0.46 ± 0.15
(in.)
(0.126 ± 0.008)
(0.063 ± 0.008)
(0.050 Max.)
(0.035 ± 0.004)
(0.007 + 0.010 -0.003)
(0.015 ± 0.007)
(0.063 ± 0.004)
(0.018 ± 0.006)
TP
S
W
L
C
0805 MM
3.45
0.51
0.76
1.27
1.02
0.46
(in.)
(0.136)
(0.020)
(0.030)
(0.050)
(0.040)
(0.018)
1206 MM
4.54
0.94
1.02
1.65
1.09
0.71
(in.)
(0.179)
(0.037)
(0.040)
(0.065)
(0.043)
(0.028)
TYPICAL FEEDTHRU CHIP CAP CONNECTION
Feedthru Chip Component Model
Physical Layout - A
Physical Layout - B
Vcc or
Signal In
Signal In
The terminals are connected internally side to side.
Left side and right side are connected and front and
back are connected internally.
For Decoupling, the chip is usually surrounded by
four vias, two for Vcc and two for GND.
For Signal Filtering, the in and out lines need to be
separated on the circuit board.
Vcc or
Signal Out
Signal Out
Ground
Ground
Ground
Vcc
Vcc
Ground
Ground



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com