Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2F Datasheet(PDF) 3 Page - AVX Corporation

Part # W2F
Description  Feedthru 0805/1206 Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

W2F Datasheet(HTML) 3 Page - AVX Corporation

  W2F Datasheet HTML 1Page - AVX Corporation W2F Datasheet HTML 2Page - AVX Corporation W2F Datasheet HTML 3Page - AVX Corporation W2F Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Feedthru 0805/1206 Capacitors
W2F/W3F Series
20
10
0
-10
470pF
100pF
47pF
22pF
220pF
-20
-30
-40
-50
-60
110
100
Frequency, MHz
1000
10000
-70
10
0
-10
-20
-30
-40
-50
-60
110
100
Frequency, MHz
1000
10000
1000pF
4700pF
10000pF
2200pF
22000pF
47000pF
1000pf
22,000pf
2200pf
0
-20
-40
-60
10
100
1000
Frequency, MHz
22pf
470pf
100pf
220pf
47pf
0
-20
-40
-60
10
100
1000
Frequency, MHz
PERFORMANCE CHARACTERISTICS
0805 - dB vs. Frequency
NP0
1206 - dB vs. Frequency
NP0
X7R
X7R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com