Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2F Datasheet(PDF) 4 Page - AVX Corporation

Part # W2F
Description  Feedthru 0805/1206 Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

W2F Datasheet(HTML) 4 Page - AVX Corporation

  W2F Datasheet HTML 1Page - AVX Corporation W2F Datasheet HTML 2Page - AVX Corporation W2F Datasheet HTML 3Page - AVX Corporation W2F Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Feedthru 0805/1206 Capacitors
W2F/W3F Series
PERFORMANCE CHARACTERISTICS
30.00
35.00
40.00
25.00
20.00
0.3
0.5
0.7
Current (A)
0.8
1.00
1.20
100pf
220pf
47pf
470pf
30.00
35.00
40.00
25.00
20.00
0.3
0.5
0.7
Current (A)
0.8
1.00
1.20
1000pf
2200pf
4700pf
10nf
47nf
22nf
100pf
22pf
47pf
470pf
220pf
40.00
20.00
0.00
0.3
0.5
0.75
Current (A)
0.87
1.00
1.20
2200pf
40.00
20.00
0.00
0.3
0.5
0.75
Current (A)
0.87
1.00
1.20
22,000pf
1000pf
0805 NP0
Current vs. Temperature
0805 X7R
Current vs. Temperature
1206 NP0
Current vs. Temperature
1206 X7R
Current vs. Temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com