Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIMID Datasheet(PDF) 1 Page - EPCOS

Part # SIMID
Description  Size 0603 (EIA) and/or 1608 (IEC) Rated inductance 1 nH to 220 nH Rated current 110 mA to 1800 mA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SIMID Datasheet(HTML) 1 Page - EPCOS

  SIMID Datasheet HTML 1Page - EPCOS SIMID Datasheet HTML 2Page - EPCOS SIMID Datasheet HTML 3Page - EPCOS SIMID Datasheet HTML 4Page - EPCOS SIMID Datasheet HTML 5Page - EPCOS SIMID Datasheet HTML 6Page - EPCOS SIMID Datasheet HTML 7Page - EPCOS SIMID Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet
Data Sheet
 EPCOS AG 2008. Reproduction, publication and dissemination of this publication and the
information contained therein without EPCOS’ prior express consent is prohibited.
SMT inductors
SIMID series, SIMID 0603-C
Series/Type:
B82496C
Date:
March 2008


Similar Part No. - SIMID

ManufacturerPart #DatasheetDescription
logo
BLOCK Transformatoren-E...
SIM 60 BLOCK-SIM 60 Datasheet
349Kb / 2P
Safety isolating transformer
logo
List of Unclassifed Man...
SIM-01(T)-110A ETC2-SIM-01(T)-110A Datasheet
232Kb / 8P
Crimping tools and machines
SIM-01-110A ETC1-SIM-01-110A Datasheet
254Kb / 7P
TERMINAL
logo
Rohm
SIM-012SB ROHM-SIM-012SB Datasheet
78Kb / 4P
High power chip sensor, side view type
SIM-012SB ROHM-SIM-012SB Datasheet
146Kb / 3P
High power Chip IR LED, side view type
More results

Similar Description - SIMID

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82498-B3279-M EPCOS-B82498-B3279-M Datasheet
74Kb / 6P
Size 0805 (EIA) and/or 2012 (IEC) Rated inductance 2,7 to 4700 nH Rated current 90 to 1000 mA
B82412-A3100-M EPCOS-B82412-A3100-M Datasheet
107Kb / 6P
Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 10 mH Rated current 90 to 700 mA
B82422-A3829-M EPCOS-B82422-A3829-M Datasheet
106Kb / 6P
Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 mH Rated current 65 to 700 mA
B82422-A3829 EPCOS-B82422-A3829 Datasheet
124Kb / 7P
Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 uH Rated current 65 to 800 mA
B82422-H1102-K100 EPCOS-B82422-H1102-K100 Datasheet
68Kb / 5P
High-current version Size 1210 (EIA) or 3225 (IEC) Rated inductance 1 to 100 mH Rated current 90 to 650 mA
B82422-T3100 EPCOS-B82422-T3100 Datasheet
110Kb / 6P
Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 330 mH Rated current 40 to 450 mA
B82432-A1102-K EPCOS-B82432-A1102-K Datasheet
102Kb / 6P
Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 55 to 600 mA
B82432-H1102-K EPCOS-B82432-H1102-K Datasheet
71Kb / 5P
High-current version Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 330 mH Rated current 110 to 1100 mA
B82432-T EPCOS-B82432-T Datasheet
56Kb / 2P
Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 60 to 1300 mA
B82442-H1102-K EPCOS-B82442-H1102-K Datasheet
105Kb / 6P
High-current version Size 2220 (EIA) or 5650 (IEC) Rated inductance 1 to 10000 mH Rated current 35 to 2500 mA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com