Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIMID Datasheet(PDF) 3 Page - EPCOS

Part # SIMID
Description  Size 0603 (EIA) and/or 1608 (IEC) Rated inductance 1 nH to 220 nH Rated current 110 mA to 1800 mA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SIMID Datasheet(HTML) 3 Page - EPCOS

  SIMID Datasheet HTML 1Page - EPCOS SIMID Datasheet HTML 2Page - EPCOS SIMID Datasheet HTML 3Page - EPCOS SIMID Datasheet HTML 4Page - EPCOS SIMID Datasheet HTML 5Page - EPCOS SIMID Datasheet HTML 6Page - EPCOS SIMID Datasheet HTML 7Page - EPCOS SIMID Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Dimensional drawing and layout recommendation
Taping and packing
Cardboard tape
Reel
Dimensions in mm
IND0042-K
0.8±0.1
1.6±0.1
0.3±0.2
0.3±0.2
C
B
IND0041-C
A
BC
0.8
± 0.1
2.3
± 0.3
0.9
± 0.1
Dimensions in mm
ø13±0.2
9±0.3
2±0.1
IND0593-L
IND0553-H-E
0.95±0.05
1.15
_
<
_
+0.1
1.5 0
1.1±0.1
4±0.1
2±0.05
4±0.1
Direction of unreeling
B82496C
SMT inductors, SIMID series
SIMID 0603-C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com