Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIMID Datasheet(PDF) 2 Page - EPCOS

Part # SIMID
Description  Size 0603 (EIA) and/or 1608 (IEC) Rated inductance 1 nH to 220 nH Rated current 110 mA to 1800 mA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SIMID Datasheet(HTML) 2 Page - EPCOS

  SIMID Datasheet HTML 1Page - EPCOS SIMID Datasheet HTML 2Page - EPCOS SIMID Datasheet HTML 3Page - EPCOS SIMID Datasheet HTML 4Page - EPCOS SIMID Datasheet HTML 5Page - EPCOS SIMID Datasheet HTML 6Page - EPCOS SIMID Datasheet HTML 7Page - EPCOS SIMID Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Size 0603 (EIA) and/or 1608 (IEC)
Rated inductance 1 nH to 220 nH
Rated current 110 mA to 1800 mA
Construction
Copper-plated ceramic core
Laser-cut winding, epoxy-coated
Features
Temperature range up to 150 °C
High resonance frequency
Close inductance tolerance
Free of polarization effect
High mechanical stability
Qualified to AEC-Q200
Suitable for lead-free reflow soldering
as referenced in JEDEC J-STD 020C
RoHS-compatible
Applications
Resonant circuits, impedance matching for
Multimedia
Car access systems
Wireless communication systems
TPMS (Tire Pressure Monitoring System)
GPS (Global Positioning System)
Digital cameras
Terminals
Base material Al2O3 ceramic with Cu layer
Layer composition Ni, Sn (lead-free)
Electro-plated
Marking
No marking on component
Minimum data on reel:
Manufacturer, ordering code, L value,
quantity, date of packing
Delivery mode and packing unit
8-mm cardboard tape, wound on 180-mm ∅ reel
Bulk case on request
Packing unit: 4000 pcs./reel
B82496C
SMT inductors, SIMID series
SIMID 0603-C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com