Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8903 Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 178 page
background image
Production Data
WM8903
w
PD, Rev 4.5, June 2012
39
The hook switch detection measurement frequency and the detection delay time tSHORT are detailed in
the “Electrical Characteristics” section.
The WM8903 Interrupt function is described in the “Interrupts” section. Example control sequences for
configuring the Interrupts functions for MICBIAS current detection events are described in the
“Applications Information” section.
A clock is required for the digital filtering function. This requires:
MCLK is present
CLK_SYS_ENA = 1
WSMD_CLK_ENA
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R22 (16h)
Clock Rates 2
2
CLK_SYS_ENA
0
System Clock enable
0 = Disabled
1 = Enabled
R108 (6Ch)
Write
Sequencer 0
8
WSMD_CLK_EN
A
0
Write Sequencer / Mic Detect Clock
Enable.
0 = Disabled
1 = Enabled
Table 8 MICBIAS Current Detect Clocking
Any MICBIAS Current Detect event (accessory insertion/removal or hookswitch press/release) which
happens while one or more of the clocking criteria is not satisfied (for example during a low power
mode where the CPU has disabled MCLK) will still be detected, but only after the clocking conditions
are met. An example is illustrated in Figure 26, where the mic is inserted while MCLK is stopped.
Figure 26 MICBIAS Detection Events without MCLK
MICROPHONE HOOK SWITCH DETECTION
The possibility of spurious hook switch interrupts due to ambient noise conditions can be removed by
careful understanding of the microphone behaviour under extremely high sound pressure levels or
during mechanical shock, and by correct selection of the MICBIAS resistor value; these factors will
affect the level of the MICBIAS AC current spikes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com