Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8903 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8903 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 178 page
background image
w
WM8903
Ultra Low Power CODEC for Portable Audio Applications
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, June 2012, Rev 4.5
Copyright
2012 Wolfson Microelectronics plc
DESCRIPTION
The WM8903 is a high performance ultra-low power stereo
CODEC optimised for portable audio applications.
The device features stereo ground-referenced headphone
amplifiers using the Wolfson ‘Class W’ amplifier techniques -
incorporating an innovative dual-mode charge pump
architecture - to optimise efficiency and power consumption
during playback. The ground-referenced outputs eliminate
headphone coupling capacitors. Both headphone and line
outputs include common mode feedback paths to reject
ground noise.
Control sequences for audio path setup can be pre-loaded
and executed by an integrated sequencer to reduce
software driver development and eliminate pops and clicks
via Wolfson’s SilentSwitch™ technology.
The analogue input stage can be configured for single
ended or differential inputs. Up to 3 stereo microphone or
line inputs may be connected. The input impedance is
constant with PGA gain setting.
A stereo digital microphone interface is provided, which can
also be mixed with the mic/line signals at the output mixers.
A dynamic range controller provides compression and level
control to support a wide range of portable recording
applications. Anti-clip and quick release features offer good
performance in the presence of loud impulsive noises.
Common audio sampling frequencies are supported from a
range of external clocks, either directly or generated via the
Frequency Locked Loop (FLL).
The WM8903 can operate directly from a single 1.8V
switched supply. For optimal power consumption, the digital
core can be operated from a 1.0V supply.
FEATURES
4.5mW power consumption for DAC to headphone
playback
DAC SNR 96dB typical, THD -86dB typical
ADC SNR 92dB typical, THD -80dB typical
Control sequencer for pop minimised start-up and shut-
down
Single register write for default start-up sequence
Integrated FLL provides all necessary clocks
-
Self-clocking modes allow processor to sleep
-
All standard sample rates from 8kHz to 96kHz
Stereo digital microphone input
3 single ended inputs per stereo channel
1 fully differential mic / line input per stereo channel
Digital Dynamic Range Controller (compressor / limiter)
Digital sidetone mixing
Ground-referenced headphone driver
Ground-referenced line outputs
Stereo differential line driver for direct interface to WM9001
speaker driver
40-pin QFN package (5x5mm)
APPLICATIONS
Portable multimedia players
Multimedia handsets
Handheld gaming


Similar Part No. - WM8903

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8904 WOLFSON-WM8904 Datasheet
1Mb / 188P
Ultra Low Power CODEC for Portable Audio Applications
logo
Cirrus Logic
WM8904 CIRRUS-WM8904 Datasheet
3Mb / 184P
Ultra Low-Power Codec for Portable Audio Applications
logo
Wolfson Microelectronic...
WM8904CGEFL/RV WOLFSON-WM8904CGEFL/RV Datasheet
1Mb / 188P
Ultra Low Power CODEC for Portable Audio Applications
WM8904CGEFL/V WOLFSON-WM8904CGEFL/V Datasheet
1Mb / 188P
Ultra Low Power CODEC for Portable Audio Applications
WM8904ECS/R WOLFSON-WM8904ECS/R Datasheet
1Mb / 188P
Ultra Low Power CODEC for Portable Audio Applications
More results

Similar Description - WM8903

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9711 WOLFSON-WM9711 Datasheet
645Kb / 66P
LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
WM8750L WOLFSON-WM8750L_05 Datasheet
757Kb / 62P
Stereo CODEC for Portable Audio Applications
WM8971L WOLFSON-WM8971L_05 Datasheet
763Kb / 61P
Stereo CODEC for Portable Audio Applications
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
Stereo CODEC for Portable Audio Applications
WM9711 WOLFSON-WM9711_06 Datasheet
607Kb / 65P
Low Power Audio CODEC for Portable Applications
WM8750L WOLFSON-WM8750L_12 Datasheet
733Kb / 65P
Stereo CODEC for Portable Audio Applications
WM8904 WOLFSON-WM8904 Datasheet
1Mb / 188P
Ultra Low Power CODEC for Portable Audio Applications
logo
Texas Instruments
TWL6041 TI1-TWL6041_14 Datasheet
684Kb / 12P
8-Channel Low-Power Audio Codec for Portable Applications
logo
Wolfson Microelectronic...
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
logo
Cirrus Logic
WM8904 CIRRUS-WM8904 Datasheet
3Mb / 184P
Ultra Low-Power Codec for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com