Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8903 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 178 page
background image
Production Data
WM8903
w
PD, Rev 4.5, June 2012
13
Stereo Playback to Line-out - DAC input to LINEOUTL+LINEOUTR pins with 3.01k
 / 50pF load
Test conditions: LINEOUTL_VOL = LINEOUTR_VOL = 111001b (0dB)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Full Scale Output Signal Level
DAC 0dBFS output at 0dB
volume
0.95
-0.446
2.69
1.0
0
2.83
1.05
0.424
2.97
Vrms
dBV
Vpk-pk
DC offset
DC servo enabled.
Calibration complete.
0
+/-1.5
mV
Signal to Noise Ratio
SNR
A-weighted
90
95
dB
Total Harmonic Distortion
THD
3.01k
 load
-86
-77
dB
Total Harmonic Distortion + Noise
THD+N
3.01k
 load
-84
-75
dB
Channel Separation
1kHz signal, 0dBFS
100
dB
10kHz signal, 0dBFS
85
Channel Level Matching
1kHz signal, 0dBFS
+/-1dB
dB
Power Supply Rejection Ratio
PSRR
1kHz, 100mVpk-pk
60
dB
20kHz, 100mV pk-pk
40
Stereo Playback to Differential Line-out - DAC input to LOP+LON or ROP+RON pins with 10k
 / 50pF load
Test conditions: SPKR_LVOL = SPKR_RVOL = 111001b (0dB)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
Full Scale Output Signal Level
0dBFS
Measured Differentially
0.95
-0.446
2.69
1.0
0
2.83
1.05
0.424
2.97
Vrms
dBV
Vpk-pk
Common mode output level
AVDD/2
Common mode output error
+/-7
mV
Signal to Noise Ratio
SNR
A-weighted
90
95
dB
Total Harmonic Distortion
THD
-92
-82
dB
Total Harmonic Distortion + Noise
THD+N
-88
-80
dB
Channel Separation
1kHz signal, 0dBFS
100
dB
10kHz signal, 0dBFS
85
Channel Level Matching
1kHz signal
+/-1dB
dB
Power Supply Rejection Ratio
PSRR
1kHz, 100mVpk-pk
60
dB
20kHz, 100mV pk-pk
40
Output PGAs (HP, LINE and Differential LINE)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum PGA gain setting
-57
dB
Maximum PGA gain setting
6
dB
PGA Gain Step Size
1
dB
PGA gain accuracy
+6dB to 0dB
-1.5
+1.5
dB
PGA gain accuracy
0dB to -57dB
-1
+1
dB
Mute attenuation
HPOUTL/R
77
dB
LINEOUTL/R
79
Differential LINE
(LOP-LOR/ROP-RON)
105
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com