Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEA05TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # SEA05TR
Description  Advanced constant voltage and constant current controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA05TR Datasheet(HTML) 1 Page - STMicroelectronics

  SEA05TR Datasheet HTML 1Page - STMicroelectronics SEA05TR Datasheet HTML 2Page - STMicroelectronics SEA05TR Datasheet HTML 3Page - STMicroelectronics SEA05TR Datasheet HTML 4Page - STMicroelectronics SEA05TR Datasheet HTML 5Page - STMicroelectronics SEA05TR Datasheet HTML 6Page - STMicroelectronics SEA05TR Datasheet HTML 7Page - STMicroelectronics SEA05TR Datasheet HTML 8Page - STMicroelectronics SEA05TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
April 2010
Doc ID 17014 Rev 1
1/10
10
SEA05
Advanced constant voltage and constant current controller
Features
■ Constant voltage and constant current control
■ Wide operating VCC range [3.5 - 36] V
■ Low quiescent consumption: 200 µA
■ Voltage reference: 2.5 V
■ Voltage control loop accuracy +/- 0.5%
■ Current sense threshold: 50 mV
■ Open-drain output stage
■ Low external component count
■ SOT23-6L micro package
Applications
■ Battery chargers
■ AC-DC adapters
■ LED drivers
Description
The SEA05 is a highly integrated solution for
SMPS applications requiring a dual control loop to
perform CV (constant voltage) and CC (constant
current) regulation.
The device integrates a voltage reference, two op-
amps (with OR-ed open-drain outputs), and a low-
side current sensing circuit.
The voltage reference, along with one op-amp, is
the core of the voltage control loop; the current
sensing circuit and the other op-amp make up the
current control loop.
The external components needed to complete the
two control loops are: a resistor divider that
senses the output of the power supply and fixes
the voltage regulation setpoint at the specified
value; a sense resistor that feeds the current
sensing circuit with a voltage proportional to the
dc output current; this resistor determines the
current regulation setpoint and must be
adequately rated in terms of power dissipation;
the frequency compensation components (R-C
networks) for both loops.
The device, housed in one of the smallest
available package, is ideal for space-shrunk
applications such as adapters and chargers.
Figure 1.
Internal schematic
Table 1.
Device summary
Order code
Package
Packing
SEA05TR
SOT23-6L
Tape and reel
 
SOT23 - 6L
+
-
+
-
1.23 V
2.5 V
1
4
5
3
2
6
Ictrl
Isense
Gnd
Vctrl
Out
Vcc
www.st.com


Similar Part No. - SEA05TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SEA05TR STMICROELECTRONICS-SEA05TR Datasheet
261Kb / 10P
Advanced constant voltage and constant current controller
26-Apr-2010
More results

Similar Description - SEA05TR

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
Constant Voltage and Constant Current Controller
logo
BCD Semiconductor Manuf...
AP4306 BCDSEMI-AP4306 Datasheet
705Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
STMicroelectronics
SEA05LTR STMICROELECTRONICS-SEA05LTR Datasheet
266Kb / 12P
Advanced constant voltage and constant current controller
23-Feb-2011
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 4
logo
STMicroelectronics
SEA05 STMICROELECTRONICS-SEA05 Datasheet
261Kb / 10P
Advanced constant voltage and constant current controller
26-Apr-2010
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4306 DIODES-AP4306 Datasheet
369Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com