Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEA05TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # SEA05TR
Description  Advanced constant voltage and constant current controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA05TR Datasheet(HTML) 2 Page - STMicroelectronics

  SEA05TR Datasheet HTML 1Page - STMicroelectronics SEA05TR Datasheet HTML 2Page - STMicroelectronics SEA05TR Datasheet HTML 3Page - STMicroelectronics SEA05TR Datasheet HTML 4Page - STMicroelectronics SEA05TR Datasheet HTML 5Page - STMicroelectronics SEA05TR Datasheet HTML 6Page - STMicroelectronics SEA05TR Datasheet HTML 7Page - STMicroelectronics SEA05TR Datasheet HTML 8Page - STMicroelectronics SEA05TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Pin description
SEA05
2/10
Doc ID 17014 Rev 1
1
Pin description
Figure 2.
Pin configuration
Note:
The adjacent pins have the same AMR to increase the robustness of the IC against
accidental short circuit among pins.
 
Vcc
Out
Ictrl
Isense
Vctrl
GND
1
2
3
6
5
4
1
2
3
6
5
4
1
2
3
6
5
4
1
2
3
6
5
4
Table 2.
Pin description
n.
Name
Function
1
Isense
Inverting input of the current loop op-amp. The pin is tied to the cold end of the
current sense resistor through a decoupling resistor.
2GND
Ground. Return of the bias current of the device. 0 V reference for all voltages.
The pin should be tied as close to the ground output terminal of the converter as
possible to minimize load current effect on the voltage regulation setpoint.
3Vctrl
Inverting input of the voltage loop op-amp. The pin is tied to the mid-point of a
resistor divider that senses the output voltage.
4Ictrl
Non-inverting input of the current loop op-amp. It is tied directly to the hot
(negative) end of the current sense resistor
5OUT
Common open-drain output of the two internal op-amps. The pin, able to sink
current only, is connected to the branch of the optocoupler’s photodiode to
transmit the error signal to the primary side.
6Vcc
Supply Voltage of the device. A small bypass capacitor (0.1 µF typ.) to GND,
located as close to IC’s pins as possible, might be useful to get a clean supply
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com